Electronic Components Datasheet Search |
|
BA90DD0WHFP-TR Datasheet(PDF) 5 Page - Rohm |
|
BA90DD0WHFP-TR Datasheet(HTML) 5 Page - Rohm |
5 / 23 page Datasheet 5/20 BAxxDD0xx BAxxCC0xx TSZ02201-0R6R0A600130-1-2 © 2013 ROHM Co., Ltd. All rights reserved. TSZ22111・15・001 25.July.2013 Rev.002 www.rohm.com ●Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Ratings Unit Input Power Supply Voltage *1 VCC -0.3 to +35 V Power Dissipation *2 Pd 2300(HRP5) mW 1300(TO252-5) 1200(TO252-3) 2000(TO220FP-3,5) Operating Temperature Range Topr -40 to +125 ℃ Ambient Storage Temperature Tstg -55 to +150 ℃ Junction Temperature TjMAX. +150 ℃ Output Control Terminal Voltage *3 Vctl -0.3 to +Vcc V Voltage Applied to the Tip *4 VCC peak +50 V *1 Must not exceed Pd *2 HRP5 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 18.4 mW/℃. TO252FP-3 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 9.6 mW/℃. TO252FP-5 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 10.4 mW/℃. TO220FP-5 : No heat sink. When Ta≧25℃, the power is reduced by 16 mW/℃. *3 Only for models with shutdown switches. *4 Applied voltage : 200msec or less (tr ≥1msec) ●Recommended Operating Ratings (Ta=25℃) Parameter Symbol Ratings Unit Min. Typ. Max. Input Power Supply Voltage BAxxCC0xx VCC 4.0 ― 25.0 V BAxxDD0xx 3.0 ― 25.0 V Output Current BAxxCC0xx Io ― ― 1 A BAxxDD0xx ― ― 2 A Output Control Terminal Voltage Vctl 0 ― VCC V MAX200msec (Voltage Supply more than 35V) 50V 35V 0V tr≧1msec |
Similar Part No. - BA90DD0WHFP-TR |
|
Similar Description - BA90DD0WHFP-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |