Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74402900047 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74402900047
Description  Spezifikation f체r Freigabe / specification for release
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74402900047 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74402900047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74402900047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74402900047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
4,00 ± 0,1
mm
B
8,00 ± 0,1
mm
C
12,0 ± 0,2
mm
a
178,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
50,00 ± 1,0
mm
ME
10-10-01
ME
08-04-01
ME
07-07-01
Name
Datum / date
Änderung / modification
Version 1
Version 2
Version 3
Artikelnummer / part number :
74402900047
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Spezifikation für Freigabe / specification for release
Kunde / customer :
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
SPEICHERDROSSEL WE-TPC
POWER-CHOKE WE-TPC
DATUM / DATE : 2010-10-01
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Unterschrift / signature
Datum / date
Würth Elektronik
A
B
C
Ø c
a
d
b
no component /
160 mm min.
components
no components / 400
mm min.
End
Start
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there
is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
XXX
XXX
SEITE 3 VON 3


Similar Part No. - 74402900047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744029000068 WURTH-744029000068 Datasheet
120Kb / 3P
   Spezifikation f체r Freigabe / specification for release
74402900011 WURTH-74402900011 Datasheet
455Kb / 3P
   POWER-CHOKE WE-TPC
74402900016 WURTH-74402900016 Datasheet
120Kb / 3P
   Spezifikation f체r Freigabe / specification for release
74402900033 WURTH-74402900033 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
74402900082 WURTH-74402900082 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results

Similar Description - 74402900047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744771147W WURTH-744771147W Datasheet
238Kb / 3P
   Spezifikation f체r Freigabe / specification for release
7490220121 WURTH-7490220121 Datasheet
200Kb / 3P
   Spezifikation f체r Freigabe / specification for release
74402900033 WURTH-74402900033 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
logo
List of Unclassifed Man...
30-410 ETC-30-410 Datasheet
186Kb / 2P
   Spezifikation f체r Freigabe / specification for release
logo
Wurth Elektronik GmbH &...
749118215 WURTH-749118215 Datasheet
120Kb / 2P
   Spezifikation f체r Freigabe specification for release
74407000018 WURTH-74407000018 Datasheet
121Kb / 3P
   Spezifikation f체r Freigabe / specification for release
749118115 WURTH-749118115 Datasheet
124Kb / 2P
   Spezifikation f체r Freigabe specification for release
744761033A WURTH-744761033A Datasheet
133Kb / 1P
   Spezifikation f체r Freigabe / specification for release
74402800033 WURTH-74402800033 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
logo
List of Unclassifed Man...
742792115 ETC2-742792115 Datasheet
148Kb / 2P
   Spezifikation f체r Freigabe / specification for release
logo
Wurth Elektronik GmbH &...
7490220122 WURTH-7490220122 Datasheet
216Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com