Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9N308AP3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ISL9N308AP3
Description  N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N308AP3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ISL9N308AP3 Datasheet HTML 1Page - Fairchild Semiconductor ISL9N308AP3 Datasheet HTML 2Page - Fairchild Semiconductor ISL9N308AP3 Datasheet HTML 3Page - Fairchild Semiconductor ISL9N308AP3 Datasheet HTML 4Page - Fairchild Semiconductor ISL9N308AP3 Datasheet HTML 5Page - Fairchild Semiconductor ISL9N308AP3 Datasheet HTML 6Page - Fairchild Semiconductor ISL9N308AP3 Datasheet HTML 7Page - Fairchild Semiconductor ISL9N308AP3 Datasheet HTML 8Page - Fairchild Semiconductor ISL9N308AP3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, January 2002
Figure 5. Transfer Characteristics
Figure 6. Saturation Characteristics
Figure 7. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 8. Normalized Drain to Source On
Resistance vs Junction Temperature
Figure 9. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 10. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Typical Characteristic (Continued)
0
25
50
75
100
125
150
12345
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = -55
oC
TJ = 175
oC
TJ = 25
oC
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 3.5V
VGS = 10V
VGS = 4.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
5
10
15
20
25
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 14A
ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
ID = 50A
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA


Similar Part No. - ISL9N308AP3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N308AD3 FAIRCHILD-ISL9N308AD3 Datasheet
273Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFETs 30V, 50A, 8m?
logo
VBsemi Electronics Co.,...
ISL9N308AD3 VBSEMI-ISL9N308AD3 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
ISL9N308AD3ST FAIRCHILD-ISL9N308AD3ST Datasheet
273Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFETs 30V, 50A, 8m?
logo
VBsemi Electronics Co.,...
ISL9N308AD3ST VBSEMI-ISL9N308AD3ST Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - ISL9N308AP3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N303AP3 FAIRCHILD-ISL9N303AP3 Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
ISL9N308AD3 FAIRCHILD-ISL9N308AD3 Datasheet
273Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFETs 30V, 50A, 8m?
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
logo
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com