Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9N308AD3 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # ISL9N308AD3
Description  N-Channel Logic Level UltraFET Trench Power MOSFETs 30V, 50A, 8m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N308AD3 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ISL9N308AD3 Datasheet HTML 3Page - Fairchild Semiconductor ISL9N308AD3 Datasheet HTML 4Page - Fairchild Semiconductor ISL9N308AD3 Datasheet HTML 5Page - Fairchild Semiconductor ISL9N308AD3 Datasheet HTML 6Page - Fairchild Semiconductor ISL9N308AD3 Datasheet HTML 7Page - Fairchild Semiconductor ISL9N308AD3 Datasheet HTML 8Page - Fairchild Semiconductor ISL9N308AD3 Datasheet HTML 9Page - Fairchild Semiconductor ISL9N308AD3 Datasheet HTML 10Page - Fairchild Semiconductor ISL9N308AD3 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N308AD3 / ISL9N308AD3ST Rev C
SABER Electrical Model
REV Dec 2000
template ISL9N308AD3ST n2,n1,n3
electrical n2,n1,n3
{
var i iscl
dp..model dbodymod = (isl = 1.9e-11, nl=1.075 , rs = 4.2e-3, trs1 = 9e-4, trs2 = 1e-6, xti=2.2, cjo = 1.1e-9, tt = 8e-11, m = 0.49,)
dp..model dbreakmod = (rs =0.17, trs1 = 1e-3, trs2 = -8.9e-6)
dp..model dplcapmod = (cjo = 8.2e-10, isl=10e-30, nl=10, m=0.45)
m..model mmedmod = (type=_n, vto = 1.9, kp=3, is=1e-30, tox=1)
m..model mstrongmod = (type=_n, vto = 2.35, kp = 90, is = 1e-30, tox = 1)
m..model mweakmod = (type=_n, vto = 1.6, kp = 0.05, is = 1e-30, tox = 1, rs=0.1)
sw_vcsp..model s1amod = (ron = 1e-5, roff = 0.1, von = -4.0, voff = -0.8)
sw_vcsp..model s1bmod = (ron =1e-5, roff = 0.1, von = -0.8, voff = -4.0)
sw_vcsp..model s2amod = (ron = 1e-5, roff = 0.1, von = -0.3, voff = 0.2)
sw_vcsp..model s2bmod = (ron = 1e-5, roff = 0.1, von = 0.2, voff = -0.3)
c.ca n12 n8 = 1.5e-9
c.cb n15 n14 = 1.75e-9
c.cin n6 n8 = 2.35e-9
dp.dbody n7 n5 = model=dbodymod
dp.dbreak n5 n11 = model=dbreakmod
dp.dplcap n10 n5 = model=dplcapmod
i.it n8 n17 = 1
l.ldrain n2 n5 = 1e-9
l.lgate n1 n9 = 4.58e-9
l.lsource n3 n7 = 1.47e-9
m.mmed n16 n6 n8 n8 = model=mmedmod, l=1u, w=1u
m.mstrong n16 n6 n8 n8 = model=mstrongmod, l=1u, w=1u
m.mweak n16 n21 n8 n8 = model=mweakmod, l=1u, w=1u
res.rbreak n17 n18 = 1, tc1 = 1e-3, tc2 = -7e-7
res.rdrain n50 n16 = 2.5e-3, tc1 = 7e-3, tc2 = 1e-5
res.rgate n9 n20 = 3.4
res.rldrain n2 n5 = 10
res.rlgate n1 n9 = 45.8
res.rlsource n3 n7 = 14.7
res.rslc1 n5 n51= 1e-6, tc1 = 1e-3, tc2 = 1e-6
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 2.55e-3, tc1 = 1e-3, tc2 = 1e-6
res.rvtemp n18 n19 = 1, tc1 = -1.8e-3, tc2 = 1e-6
res.rvthres n22 n8 = 1, tc1 = -2.7e-3, tc2 = -1e-5
spe.ebreak n11 n7 n17 n18 = 32.7
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
spe.evthres n6 n21 n19 n8 = 1
sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod
v.vbat n22 n19 = dc=1
equations {
i (n51->n50) +=iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e-6/200))** 5))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6


Similar Part No. - ISL9N308AD3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ISL9N308AD3 VBSEMI-ISL9N308AD3 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
ISL9N308AD3ST VBSEMI-ISL9N308AD3ST Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - ISL9N308AD3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N308AP3 FAIRCHILD-ISL9N308AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ?
ISL9N306AD3 FAIRCHILD-ISL9N306AD3 Datasheet
254Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V, 50A, 6m?
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
ISL9N303AP3 FAIRCHILD-ISL9N303AP3 Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
ISL9N302AS3ST FAIRCHILD-ISL9N302AS3ST Datasheet
253Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N306AP3 FAIRCHILD-ISL9N306AP3 Datasheet
205Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AD3ST FAIRCHILD-ISL9N307AD3ST Datasheet
189Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AP3 FAIRCHILD-ISL9N312AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N322AP3 FAIRCHILD-ISL9N322AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com