Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9N306AS3ST Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # ISL9N306AS3ST
Description  N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N306AS3ST Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button ISL9N306AS3ST Datasheet HTML 3Page - Fairchild Semiconductor ISL9N306AS3ST Datasheet HTML 4Page - Fairchild Semiconductor ISL9N306AS3ST Datasheet HTML 5Page - Fairchild Semiconductor ISL9N306AS3ST Datasheet HTML 6Page - Fairchild Semiconductor ISL9N306AS3ST Datasheet HTML 7Page - Fairchild Semiconductor ISL9N306AS3ST Datasheet HTML 8Page - Fairchild Semiconductor ISL9N306AS3ST Datasheet HTML 9Page - Fairchild Semiconductor ISL9N306AS3ST Datasheet HTML 10Page - Fairchild Semiconductor ISL9N306AS3ST Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, February 2002
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (
oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
In using surface mount devices such as the TO-263
package, the environment in which it is applied will have a
significant influence on the part’s current and maximum
power dissipation ratings. Precise determination of PDM is
complex and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild
provides
thermal
information
to
assist
the
designer’s preliminary application evaluation. Figure 21
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction
temperature
or
power
dissipation.
Pulse
applications can be evaluated using the Fairchild device
Spice thermal model or manually utilizing the normalized
maximum transient thermal impedance curve.
Displayed on the curve are RθJA values listed in the
Electrical Specifications table. The points were chosen to
depict the compromise between the copper board area, the
thermal resistance and ultimately the power dissipation,
PDM.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2. RθJA is defined as the natural log of the area
times a coefficient added to a constant. The area, in square
inches is the top copper area including the gate and source
pads.
(EQ. 1)
P
DM
T
JM
T
A
()
Z θJA
-------------------------------
=
(EQ. 2)
R θJA
26.51
19.84
0.262
Area
+
()
-------------------------------------
+
=
Figure 21. Thermal Resistance vs Mounting
Pad Area
20
40
60
80
110
0.1
RθJA = 26.51+ 19.84/(0.262+Area)
AREA, TOP COPPER AREA (in2)


Similar Part No. - ISL9N306AS3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N306AD3 FAIRCHILD-ISL9N306AD3 Datasheet
254Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V, 50A, 6m?
ISL9N306AD3ST FAIRCHILD-ISL9N306AD3ST Datasheet
254Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs 30V, 50A, 6m?
logo
VBsemi Electronics Co.,...
ISL9N306AD3ST VBSEMI-ISL9N306AD3ST Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
ISL9N306AP3 ISC-ISL9N306AP3 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - ISL9N306AS3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N302AS3ST FAIRCHILD-ISL9N302AS3ST Datasheet
253Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AD3ST FAIRCHILD-ISL9N307AD3ST Datasheet
189Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AP3 FAIRCHILD-ISL9N312AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N322AP3 FAIRCHILD-ISL9N322AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N316AD3ST FAIRCHILD-ISL9N316AD3ST Datasheet
187Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N302AP3 FAIRCHILD-ISL9N302AP3 Datasheet
122Kb / 10P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N310AP3 FAIRCHILD-ISL9N310AP3 Datasheet
149Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N312AD3 FAIRCHILD-ISL9N312AD3 Datasheet
275Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N318AD3ST FAIRCHILD-ISL9N318AD3ST Datasheet
184Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N307AP3 FAIRCHILD-ISL9N307AP3 Datasheet
141Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com