Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-25QA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC817-25QA
Description  45 V, 500 mA NPN general-purpose transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC817-25QA Datasheet(HTML) 2 Page - NXP Semiconductors

  BC817-25QA Datasheet HTML 1Page - NXP Semiconductors BC817-25QA Datasheet HTML 2Page - NXP Semiconductors BC817-25QA Datasheet HTML 3Page - NXP Semiconductors BC817-25QA Datasheet HTML 4Page - NXP Semiconductors BC817-25QA Datasheet HTML 5Page - NXP Semiconductors BC817-25QA Datasheet HTML 6Page - NXP Semiconductors BC817-25QA Datasheet HTML 7Page - NXP Semiconductors BC817-25QA Datasheet HTML 8Page - NXP Semiconductors BC817-25QA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BC817-25QA_40QA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 3 September 2013
2 of 15
NXP Semiconductors
BC817-25QA; BC817-40QA
45 V, 500 mA NPN general-purpose transistors
2.
Pinning information
3.
Ordering information
4.
Marking
Table 3.
Pinning
Pin
Symbol Description
Simplified outline
Graphic symbol
1
B
base
2E
emitter
3
C
collector
4
C
collector
sym123
C
E
B
Table 4.
Ordering information
Type
number
Package
Name
Description
Version
BC817-25QA DFN1010D-3 plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals;
body: 1.1
 1.0  0.37 mm
SOT1215
BC817-40QA
Table 5.
Marking codes
Type number
Marking code
BC817-25QA
11 01 00
BC817-40QA
10 11 00
Fig 1.
DFN1010D-3 (SOT1215) binary marking code description


Similar Part No. - BC817-25QA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
More results

Similar Description - BC817-25QA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 NXP-BC817 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC817K NEXPERIA-BC817K Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K_SER NEXPERIA-BC817K_SER Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817QBH-Q_SER NEXPERIA-BC817QBH-Q_SER Datasheet
318Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 25 January 2022
BC817W_SER NEXPERIA-BC817W_SER Datasheet
319Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817-Q_SER NEXPERIA-BC817-Q_SER Datasheet
305Kb / 13P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
BC817QC_SER NEXPERIA-BC817QC_SER Datasheet
323Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com