Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA00DD0WFP-TR Datasheet(PDF) 7 Page - Rohm

Part # BA00DD0WFP-TR
Description  2A/1A Variable Output LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WFP-TR Datasheet(HTML) 7 Page - Rohm

Back Button BA00DD0WFP-TR Datasheet HTML 3Page - Rohm BA00DD0WFP-TR Datasheet HTML 4Page - Rohm BA00DD0WFP-TR Datasheet HTML 5Page - Rohm BA00DD0WFP-TR Datasheet HTML 6Page - Rohm BA00DD0WFP-TR Datasheet HTML 7Page - Rohm BA00DD0WFP-TR Datasheet HTML 8Page - Rohm BA00DD0WFP-TR Datasheet HTML 9Page - Rohm BA00DD0WFP-TR Datasheet HTML 10Page - Rohm BA00DD0WFP-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Datasheet
7/17
BA00DD0xx series
BA00CC0xx series
TSZ02201-0R6R0A600080-1-2
25.July.2013 Rev.002
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
●Typical Performance Curves - continued
Fig.11
Overvoltage Operating
Characteristics (Io=200mA)
Fig.12
Thermal Shutdown
Circuit Characteristics
Fig.9
CTL Voltage vs. CTL Current
Fig.10
CTL Voltage vs. Output Voltage
1
2
3
4
1
2
3
4


Similar Part No. - BA00DD0WFP-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00DD0WFPE2 ROHM-BA00DD0WFPE2 Datasheet
528Kb / 20P
   2A/1A Variable Output
BA00DD0WFPTR ROHM-BA00DD0WFPTR Datasheet
528Kb / 20P
   2A/1A Variable Output
BA00DD0WFPV5 ROHM-BA00DD0WFPV5 Datasheet
528Kb / 20P
   2A/1A Variable Output
More results

Similar Description - BA00DD0WFP-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com