Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2GVB40-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S2GVB40-C
Description  Voltage 200V ~800V 2 Amp Glass Passivited Bridge Rectifers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2GVB40-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2GVB40-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2GVB40-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
S2GVB20-C ~ S2GVB80-C
Voltage 200V ~ 800V
2 Amp Glass Passivited Bridge Rectifiers
04-Jun-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
FEATURES
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
These are Halogen & Pb Free components
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
S2GVB20-C
S2GVB40-C
S2GVB60-C
S2GVB80-C
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
V
Average Rectified Output Current @60HZ
sine wave, R-load, TA=25°C
IO
2
A
Peak Forward Surge Current @
60HZ sine wave, 1 cycle, TA=25°C
IFSM
50
A
Maximum Peak Forward Voltage
2
VFM
1.05
V
Peak Reverse Current
1
IRRM
10
µA
I
2t Rating for Fusing @1ms≤t<8.3ms,
TJ=25°C
I
2t
10.4
A
2s
Typical Thermal Resistance
RθJA
62
°C/W
Typical Thermal Resistance
RθJL
16
°C/W
Operating and Storage temperature range
TJ,TSTG
150, -40~150
°C
Notes:
1.
VRM=VRRM, Pulse measurement, Rating of per diode.
2.
IFM=0.75A, Pulse measurement, Rating of per diode
GVB
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
15.3
15.9
F
0.70
0.90
B
7.00
7.40
G
3.90
4.10
C
9.00
9.60
H
0.40
0.60
D
10.0
-
I
0.70
1.10
E
1.20
1.40
J
3.20
3.60


Similar Part No. - S2GVB40-C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2G PANJIT-S2G Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
GUANGDONG HOTTECH INDUS...
S2G HOTTECH-S2G Datasheet
304Kb / 2P
   Plastic-Encapsulate Diodes
logo
Jinan Jingheng (Group) ...
S2G JINANJINGHENG-S2G Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2G KISEMICONDUCTOR-S2G Datasheet
5Mb / 2P
   Surface Mount Glass Passivated Rectifier
logo
Micro Commercial Compon...
S2G MCC-S2G Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2GVB40-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S10GBU20-C SECOS-S10GBU20-C Datasheet
238Kb / 2P
   Voltage 200V ~800V 100Amp Glass Passivited Bridge Rectifers
S2GBP20-C SECOS-S2GBP20-C Datasheet
224Kb / 2P
   Voltage 200V ~800V 2.0 Amp Glass Passivited Bridge Rectifres
S1GVB20-C SECOS-S1GVB20-C Datasheet
204Kb / 2P
   Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers
S25GBJ20-C SECOS-S25GBJ20-C Datasheet
216Kb / 2P
   Voltage 200V ~800V 25.0Amp Glass Passivited Bridge Rectifiers
S20GBJ20-C SECOS-S20GBJ20-C Datasheet
218Kb / 2P
   Voltage 200V ~800V 20.0Amp Glass Passivited Bridge Rectifiers
S15GBU20-C SECOS-S15GBU20-C Datasheet
227Kb / 2P
   Voltage 200V ~800V 15.0Amp Glass passivited Bridge Rectifiers
S2GBL20-C SECOS-S2GBL20-C Datasheet
197Kb / 2P
   Voltge 200V~800V2.0 Amp Glass Passivited Bridge Rectifiers
S6GBP20 SECOS-S6GBP20_15 Datasheet
213Kb / 2P
   6.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C_17 Datasheet
225Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C Datasheet
226Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com