Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4D15120A Datasheet(PDF) 2 Page - Cree, Inc

Part # C4D15120A
Description  Silicon Carbide Schottky Diode 1.2kV Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D15120A Datasheet(HTML) 2 Page - Cree, Inc

  C4D15120A Datasheet HTML 1Page - Cree, Inc C4D15120A Datasheet HTML 2Page - Cree, Inc C4D15120A Datasheet HTML 3Page - Cree, Inc C4D15120A Datasheet HTML 4Page - Cree, Inc C4D15120A Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
C4D15120A Rev. A
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
Electrical Characteristics
Symbol Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
ForwardVoltage
1.6
2.3
1.8
3
V
I
F = 15 A
T
J=25°C
I
F = 15 A
T
J=175°C
I
R
ReverseCurrent
35
120
200
300
μA
V
R = 1200 V
T
J=25°C
V
R = 1200 V
T
J=175°C
Q
C
TotalCapacitiveCharge
96
nC
V
R=1200V,IF = 15A
di/dt=200A/μs
T
J = 25°C
C
TotalCapacitance
1200
70
50
pF
V
R=0V,TJ=25°C,f=1MHz
V
R=400V,TJ=25˚C,f=1MHz
V
R=800V,TJ=25˚C,f=1MHz
1.Note:Thisisamajoritycarrierdiode,sothereisnoreverserecoverycharge.
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
R
θJC
ThermalResistancefromJunction
toCase
0.78
°C/W
Typical Performance
Figure1.ForwardCharacteristics
Figure2.ReverseCharacteristics
0
1
2
3
4
5
200
400
600
800
1000
1200
1400
1600
1800
T
J=-55°C
T
J= 25°C
T
J= 75°C
T
J =125°C
T
J =175°C
T
J=-55°C
T
J= 25°C
T
J= 75°C
T
J =125°C
T
J =175°C
V
F (V)
V
R (V)


Similar Part No. - C4D15120A

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C4D15120A WOLFSPEED-C4D15120A Datasheet
1Mb / 9P
   4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 5, March 2023
logo
Cree, Inc
C4D15120A CREE-C4D15120A_14 Datasheet
755Kb / 6P
   Silicon Carbide Schottky Diode
More results

Similar Description - C4D15120A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4D10120D CREE-C4D10120D Datasheet
794Kb / 5P
   Silicon Carbide Schottky Diode 1.2kV Schottky Rectifier
C4D08120A CREE-C4D08120A Datasheet
617Kb / 5P
   Silicon Carbide Schottky Diode 1.2kV Schottky Rectifier
C4D05120A CREE-C4D05120A Datasheet
553Kb / 5P
   Silicon Carbide Schottky Diode 1.2kV Schottky Rectifier
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
C3D03060A CREE-C3D03060A Datasheet
749Kb / 5P
   Silicon Carbide Schottky Diode 600-Volt Schottky Rectifier
C3D10170H CREE-C3D10170H Datasheet
585Kb / 5P
   Silicon Carbide Schottky Diode 1700-Volt Schottky Rectifier
logo
Seme LAB
SML020DH12 SEME-LAB-SML020DH12 Datasheet
82Kb / 2P
   SILICON CARBIDE POWER SCHOTTKY RECTIFIER DIODE
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com