Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502380-1306 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 502380-1306
Description  1.25 W/B CONN, SINGLE PLUG HOUSING 2-7CKT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

502380-1306 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  502380-1306 Datasheet HTML 1Page - Molex Electronics Ltd. 502380-1306 Datasheet HTML 2Page - Molex Electronics Ltd. 502380-1306 Datasheet HTML 3Page - Molex Electronics Ltd. 502380-1306 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 502380-1306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502380-1300 MOLEX11-502380-1300 Datasheet
429Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 13 Circuits
502380-1300 MOLEX11-502380-1300 Datasheet
45Kb / 1P
   1.25mm Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 13
More results

Similar Description - 502380-1306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5023800500_SD MOLEX-5023800500_SD Datasheet
371Kb / 4P
   1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
5023800400_SD MOLEX-5023800400_SD Datasheet
371Kb / 4P
   1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
502380-0706 MOLEX-502380-0706 Datasheet
391Kb / 4P
   1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
5023800600_SD MOLEX-5023800600_SD Datasheet
371Kb / 4P
   1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
SD-502382-001 MOLEX5-SD-502382-001 Datasheet
359Kb / 4P
   1.25 W/B CONN. SINGLE S/T REC. ASS`Y 2-7CKT
5023810000_SD MOLEX-5023810000_SD Datasheet
70Kb / 1P
   1.25 W/B CONN SINGLE PLUG TERMINAL
SD-502381-001 MOLEX5-SD-502381-001 Datasheet
70Kb / 1P
   1.25 W/B CONN, SINGLE PLUG TERMINAL
5023820270_SD MOLEX-5023820270_SD Datasheet
359Kb / 4P
   1.25 W/B CONN. SINGLE
5023820370_SD MOLEX-5023820370_SD Datasheet
359Kb / 4P
   1.25 W/B CONN. SINGLE S/T REC.
50641-8141 MOLEX-50641-8141_06 Datasheet
80Kb / 1P
   1.25 W/B CONN CRIMP RECEPTACLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com