Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

553-0744 Datasheet(PDF) 4 Page - Dialight Corporation

Part # 553-0744
Description  3mm LED CBI Circuit Board Indicator Bi-level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

553-0744 Datasheet(HTML) 4 Page - Dialight Corporation

  553-0744 Datasheet HTML 1Page - Dialight Corporation 553-0744 Datasheet HTML 2Page - Dialight Corporation 553-0744 Datasheet HTML 3Page - Dialight Corporation 553-0744 Datasheet HTML 4Page - Dialight Corporation 553-0744 Datasheet HTML 5Page - Dialight Corporation 553-0744 Datasheet HTML 6Page - Dialight Corporation 553-0744 Datasheet HTML 7Page - Dialight Corporation 553-0744 Datasheet HTML 8Page - Dialight Corporation 553-0744 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-58 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Green
Yellow
Red
Orange
Red
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9210
-9211
-9216
-9498
-9636
Power Dissipation (mW)
100
60
100
135
100
Forward Current (mA)
30
20
30
25
40
Derating (mA/°C) From 50°C 1 from 25°C
.4
.25
.4
.5
.51
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from body
3mm Discrete LED
High Efficiency
Diffused
521-9210, -9211, -9216, -9498, -9636
4.45
[.175]
1.02
[.040]
3.00
[.118]
1.50
[.059]
MAX
6.00
[.236]
25.4
[1.0] MIN
1.02
[.040]
MIN
.45
[.016 ]
.40
[.016]
2.54
[.100]
3.30
[.13]
PART NO. COLOR
521-9210
Green
521-9211
Yellow
521-9216
Red
521-9498
Orange
521-9636
Red
Green
Yellow
Red
Orange
Red
OPERATING CHARACTERISTICS (T
A=25°C)
-9210
-9211
-9216
-9498
-9636
Luminous Intensity (mcd)
Min.
4.7
7.4
7.4
3.4
8.71
IF=10mA 1 IF=20mA
Typical
12.6
10
10
7
481
Peak Wavelength (nm)
Typical
565
585
635
600
660
λ Peak
Viewing Angle (2
Θ ½)
Typical
60°
60°
60°
60°
60°
Forward Voltage (V)
Typical
2.11
2.11
21
2.2
1.81
IF=10mA 1 IF=20mA
Max.
2.81
2.81
2.81
3
2.41
Reverse Voltage (V), IR=100µA
Max.
5
5
5
5
4
Dimensions in mm [inches]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
MOUNTING CLIP: 515-0006
located on page 4-65
short lead cathode all colors except 521-9636 Red.
For 521-9636 Red, short lead is anode.
NEW


Similar Part No. - 553-0744

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0744 DIALIGHT-553-0744 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0744 DIALIGHT-553-0744 Datasheet
84Kb / 10P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
logo
Chicago Miniature Lamp,...
553-0744 CML-553-0744 Datasheet
732Kb / 1P
   BI-LEVEL LED INDICATOR
logo
Dialight Corporation
553-0744-200 DIALIGHT-553-0744-200 Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0744-300 DIALIGHT-553-0744-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 553-0744

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com