Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591-2301-002 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 591-2301-002
Description  3mm Prism CBI Circuit Board Indicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2301-002 Datasheet(HTML) 2 Page - Dialight Corporation

  591-2301-002 Datasheet HTML 1Page - Dialight Corporation 591-2301-002 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-8
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Parameter
-2001
-2301
-2401
Color*
20
21
24
Power Dissipation
100mA
100mA
60mA
(derate linearly from 25°C mA/°C)
.4
.4
.25
Forward DC Current
30mA
30mA
20mA
Peak Forward Current (10µ sec)
120mA
120mA
80mA
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +100°C
Soldering Temperatures
Convection IR
235° Peak, above 185° for 90 sec.,
Vapor Phase
215°C for 3 Min.
Absolute Maximum Ratings, TA=25°C
Operating Characteristics (TA = 25°C)
Part No.
-2001
-2301
-2401
-2001
-2301
-2401
-2001
-2301
-2401
-2001
-2301
-2401
-2001
-2301
-2401
Min
5
5
5
Typ
2
2
2
628
570
590
5
4
5
40
40
40
Max
2.6
2.6
2.6
Forward Voltage
VF
Reverse Voltage
VR
Dominant Wavelength
λ Dom
Luminous Intensity
IV
Viewing Angle
(2Θ 11//22 )
V
IF = 10mA
V
IR = 10 µA
nm
mcd
deg.
IF = 10mA
Units
Test Cond.
Parameter
U.S. Patent RE 34,254; foreign patents pending.
Θ11// 22 is the off axis angle at which the luminous intensity is half the axial luminous intensity
*LED colors: 20) High Efficiency Red 21) High Efficiency Green,
24) High Performance Yellow
Solder Adherence per MIL-STD-202E, Method 208C
*LED colors: 20) High Efficiency Red 21) High Efficiency Green,
24) High Performance Yellow
Color*
20
21
24
20
21
24
20
21
24
20
21
24
20
21
24
591-2001-0xx
591-2301-0xx
591-2401-0xx


Similar Part No. - 591-2301-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2301-002 DIALIGHT-591-2301-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2301-002 DIALIGHT-591-2301-002 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2301-002F DIALIGHT-591-2301-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
591-2301-002F DIALIGHT-591-2301-002F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
More results

Similar Description - 591-2301-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2101-013F DIALIGHT-591-2101-013F Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
5913001013F DIALIGHT-5913001013F Datasheet
30Kb / 2P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
591-XX01-1XX DIALIGHT-591-XX01-1XX Datasheet
43Kb / 4P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com