Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA8872 Datasheet(PDF) 2 Page - RAIO Technology Inc.

Part # RA8872
Description  Character/Graphic TFT LCD Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8872 Datasheet(HTML) 2 Page - RAIO Technology Inc.

  RA8872 Datasheet HTML 1Page - RAIO Technology Inc. RA8872 Datasheet HTML 2Page - RAIO Technology Inc. RA8872 Datasheet HTML 3Page - RAIO Technology Inc. RA8872 Datasheet HTML 4Page - RAIO Technology Inc. RA8872 Datasheet HTML 5Page - RAIO Technology Inc. RA8872 Datasheet HTML 6Page - RAIO Technology Inc. RA8872 Datasheet HTML 7Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Version 1.1 Brief Specification
Character/Graphic TFT LCD Controller
RA8872
1. Description
RA8872 is a TFT LCD controller which supports the character and graphic mixed display. It is designed to
meet the requirement of middle size TFT module up to 320x240 pixels with characters or 2D graphic
application. With internal RAM, RA8872 can supports 65K color for 320x240 dots TFT Panel, 4K color for
640x240 display , or 4K color for 320x240 dots with 2-Layers.
The embedded CGROM is capable to display the alphaset of international standard ISO 8859-1/2/3/4. It
includes 256x4 characters and can satisfiies almost English or Eurpean language family countries. For
graphic usage, RA8872 supports a 2D Block Transfer Engine(BTE) that is compatible with 2D BitBLT function
for processing the mass data transfer function. The geometric speed-up engine provides user an easy way to
draw the programmable geometric shape by hardware, like line, square and circle. Besides, many powerful
functions are combined with RA8872, such as screen rotation function, scroll function, graphic pattern, 2-layer
mixed display and font enlargement function. These functions will save user a large of software effort during
developement period.
RA8872 is a powerful and cheap choice for color application. To reduce the system cost, RA8872 proivde low
cost 8080/6800 MCU I/F, a flexible 4-wires Touch Panel controller, PWM for adjusting panel back-light and
some GPIOs. With the RA8872 design-in, user can achieve an easy-to-use, low-cost and high performace
system compared with the other solution.
2. Feature
Support Text/Graphic Mixed Display Mode.
Support 8/12/16-Bits Generic RGB TFT Panel:
2 Layers : Up to 320x240 Pixels, 4K Color
1 Layer : Up to 320x240 Pixels, 65K Color.
Color Depth TFT: 256/4K/65K Colors.
Supporting MCU Interface: 8080/6800 with 8
Data Bus Width.
Internal DDRAM Size: 230KB
Embedded 10KB Character ROM with Font Size
8x16 Dots and Supporting Character Set of
ISO8859-1/2/3/4.
Embedded Block Transfer Engine (BTE) with 2D
Function.
Embedded Geometric Speed-up Engine.
Font Enlargement X1, X2, X3, X4 for Horizontal
or Vertical Direction.
Screen Display Rotation 90°, 180° and 270° for
Different Panel Type.
Support Font Vertical Rotation.
Support Block Scroll for Vertical or Horizontal
Direction.
Text Cursor for Character Writing.
32X32 Pixel Graphic Cursor Function.
Support 256 User-defined 8x16 Characters.
Support 32 User-defined Patterns of 8x8 Pixels.
2 programmable PWM for Back-Light Adjusting
or Other's Application.
Embedded 4-Wires Touch Panel Controller.
6 Sets of Programmable GPIO (GPIO0~5).
Clock Source: External X’tal Clock Input with
Internal PLL.
Sleep Mode with Low Power Consumption.
Operation Voltage: 3.0V~3.6V
Package: LQFP-100pin.
RAiO TECHNOLOGY INC.
2/7
www.raio.com.tw


Similar Part No. - RA8872

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
RA8871L4N RAIO-RA8871L4N Datasheet
358Kb / 14P
   Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
   Character/Graphic TFT LCD Controller
RA8875 RAIO-RA8875 Datasheet
194Kb / 9P
   Character/Graphic TFT LCD Controller
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
   Character/Graphic TFT LCD Controller
More results

Similar Description - RA8872

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
RA8875 RAIO-RA8875 Datasheet
194Kb / 9P
   Character/Graphic TFT LCD Controller
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
   Character/Graphic TFT LCD Controller
RA8877 RAIO-RA8877 Datasheet
338Kb / 13P
   Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
   Character/Graphic TFT LCD Controller
RA8871L4N RAIO-RA8871L4N Datasheet
358Kb / 14P
   Character/Graphic TFT LCD Controller
RA8802 RAIO-RA8802 Datasheet
80Kb / 7P
   Character/Graphic LCD-Controller Specification
RA8806 RAIO-RA8806 Datasheet
4Mb / 174P
   Two Layers Character/Graphic LCD Controller Specification
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
   QVGA TFT-LCD controller with graphic display functions
logo
RAIO Technology Inc.
RA8816N RAIO-RA8816N Datasheet
135Kb / 8P
   144x65 Character Graphic LCD Driver Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com