Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR06JB155KTB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CWR06JB155KTB
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06JB155KTB Datasheet(HTML) 5 Page - Vishay Siliconix

  CWR06JB155KTB Datasheet HTML 1Page - Vishay Siliconix CWR06JB155KTB Datasheet HTML 2Page - Vishay Siliconix CWR06JB155KTB Datasheet HTML 3Page - Vishay Siliconix CWR06JB155KTB Datasheet HTML 4Page - Vishay Siliconix CWR06JB155KTB Datasheet HTML 5Page - Vishay Siliconix CWR06JB155KTB Datasheet HTML 6Page - Vishay Siliconix CWR06JB155KTB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CWR06
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
5
Document Number: 40009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) A0, B0, K0, are determined by the maximum dimensions to the ends of the terminals extending from the component body and/or the body
dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the
cavity (A0, B0, K0) must be within 0.002" (0.05 mm) minimum and 0.020" (0.50 mm) maximum. The clearance allowed must also prevent
rotation of the component within the cavity of not more than 20°.
(2) Tape with components shall pass around radius “R” without damage. The minimum trailer length may require additional length to provide
“R” minimum for 12 mm embossed tape for reels with hub diameters approaching N minimum.
(3) This dimension is the flat area from the edge of the sprocket hole to either outward deformation of the carrier tape between the embossed
cavities or to the edge of the cavity whichever is less.
(4) This dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the carrier
tape between the embossed cavity or to the edge of the cavity whichever is less.
(5) The embossed hole location shall be measured from the sprocket hole controlling the location of the embossement. Dimensions of
embossement location shall be applied independent of each other.
(6) B1 dimension is a reference dimension tape feeder clearance only.
TAPE AND REEL PACKAGING in inches [millimeters]
Note
• Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
Tape and reel specifications: All case sizes are
available on plastic embossed tape per EIA-481.
Standard reel diameter is 7" (178 mm).
CARRIER TAPE DIMENSIONS in inches [millimeters]
CASE CODE
TAPE SIZE
B1 (max.)
D1 (min.)
F
P1
T2 (max.)
W
A
8 mm
0.179 [4.55]
0.039
[1.0]
0.138 ± 0.002
[3.5 ± 0.05]
0.157 ± 0.004
[4.0 ± 0.1]
0.098
[2.5]
0.315 ± 0.004
[8.0 ± 0.10]
B, C, D, E
12 mm
0.323 [8.2]
0.059
[1.5]
0.217 ± 0.002
[5.5 ± 0.05]
0.157 ± 0.004
[4.0 ± 0.1]
0.256
[6.5]
0.472 ± 0.012
[12.0 ± 0.30]
F
12 mm
double pitch
0.323 [8.2]
0.059
[1.5]
0.217 ± 0.002
[5.5 ± 0.05]
0.315 ± 0.004
[8.0 ± 0.10]
0.256
[6.5]
0.472 ± 0.012
[12.0 ± 0.30]
G, H
16 mm
0.476 [12.1]
0.059
[1.5]
0.295 ± 0.004
[7.5 ± 0.1]
0.315 ± 0.004
[8.0 ± 0.10]
0.315
[8.0]
0.642 max.
[16.3] max.
0.004 [0.10]
max.
K
0
T
2
(max.)
B
1 (max.)
(6)
0.024
[0.600]
max.
10 pitches cumulative
tolerance on tape
± 0.008 [0.200]
Embossment
0.069 ± 0.004
[1.75 ± 0.10]
D
1 (min.) for components
0.079 x 0.047 [2.0 x 1.2] and larger
(5)
.
Maximum
USER DIRECTION
OF FEED
Center lines
of cavity
A
0
P
1
F
W
0.030 [0.75]
min.
(3)
0.030 [0.75]
min.
(4)
0.079 ± 0.002
[2.0 ± 0.05]
0.157 ± 0.004
[4.0 ± 0.10]
0.059 + 0.004 - 0.0
[1.5 + 0.10 - 0.0]
B
0
Maximum
component
rotation
(Side or front sectional view)
20°
For tape feeder
reference only
including draft.
Concentric around B
0
Deformation
between
embossments
Top
cover
tape
Top
cover
tape
cavity size
(1)
DIRECTION OF FEED
Cathode (-)
Anode (+)
Bending radius
(2)
R minimum:
8 mm = 0.984" (25 mm)
12 mm and 16 mm = 1.181" (30 mm)
R
min.
20° maximum
component rotation
Typical
component
cavity
center line
Typical
component
center line
A
0
B
0
(Top view)
0.9843 [250.0]
Tape
3.937 [100.0]
0.039 [1.0]
max.
0.039 [1.0]
max.
Camber
Allowable camber to be 0.039/3.937 [1/100]
(Top view)
Non-cumulative over 9.843 [250.0]


Similar Part No. - CWR06JB155KTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06JB155K VISHAY-CWR06JB155K Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR06JB155K VISHAY-CWR06JB155K Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
More results

Similar Description - CWR06JB155KTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
595D VISHAY-595D Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com