Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILBB0805ER110V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILBB0805ER110V
Description  Multilayer Ferrite Beads
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILBB0805ER110V Datasheet(HTML) 1 Page - Vishay Siliconix

  ILBB0805ER110V Datasheet HTML 1Page - Vishay Siliconix ILBB0805ER110V Datasheet HTML 2Page - Vishay Siliconix ILBB0805ER110V Datasheet HTML 3Page - Vishay Siliconix ILBB0805ER110V Datasheet HTML 4Page - Vishay Siliconix ILBB0805ER110V Datasheet HTML 5Page - Vishay Siliconix ILBB0805ER110V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ILBB-0805
www.vishay.com
Vishay Dale
Revision: 21-Jun-11
1
Document Number: 34025
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Multilayer Ferrite Beads
MECHANICAL SPECIFICATIONS
Solderability: 90 % coverage after 5 s dip in 235 °C solder
following 60 s preheat at 120 °C to 150 °C and type R flux dip
Resistance to Solder Heat: 10 s in 260 °C solder, after
preheat and flux per above
Terminal Strength: 0.6 kg (1.32 lbs) minimum for 30 s
Beam Strength: 1 kg (2.2 lbs) minimum
Flex: 0.079" [2 mm] min. mounted on 0.063" [1.6 mm] thick
PC board
FEATURES
• High reliability
• Surface mountable
• Magnetically self shielded
• Nickel barrier plating virtually eliminates silver
migration
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55 °C to + 125 °C
Thermal Shock: 100 cycles, - 40 °C to + 125 °C
Biased Humidity: 85 % RH at 85 °C, 1000 h at full rated
current
STANDARD ELECTRICAL SPECIFICATIONS
Z
± 25 % AT 100 MHz
)
DCR
MAX.
(
)
RATED
DC CURRENT
(mA)
7
0.06
600
11
0.06
600
17
0.06
600
26
0.06
600
32
0.06
600
40
0.15
300
50
0.15
300
60
0.15
300
75
0.15
300
80
0.15
300
90
0.15
300
100
0.15
300
120
0.15
300
150
0.15
300
180
0.20
200
220
0.20
200
300
0.20
200
400
0.30
200
600
0.30
200
1000
0.35
100
1500
0.40
100
2000
0.50
80
2200
0.60
80
DIMENSIONS in inches [millimeters]
PACKAGING OPTIONS
• Tape and Reel: Embossed plastic carrier tape per EIA481-1,
4000 pieces on a 7" [178 mm] reel
Dimensional Outline
0.049 ± 0.008
[1.25 ± 0.2]
0.035 ± 0.008
[0.9 ± 0.2]
0.120
[3.0]
0.039
[1.0]
0.039
[1.0]
0.039
[1.0]
0.020 ± 0.012
[0.5 ± 0.3]
0.079 ± 0.008
[2.0 ± 0.2]
Ferrite Body
Recommended Pad Layout
DESCRIPTION
ILBB-0805
11
± 25 %
ER
e3
MODEL
IMPEDANCE VALUE
IMPEDANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
L
B
B
0
805
E
R
11
0
V
PRODUCT FAMILY
SIZE
PACKAGE
CODE
IMPEDANCE
VALUE
IMPEDANCE
TOLERANCE


Similar Part No. - ILBB0805ER110V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB0805ER110V VISHAY-ILBB0805ER110V Datasheet
98Kb / 6P
   Multilayer Ferrite Beads
01-Jan-2022
More results

Similar Description - ILBB0805ER110V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
   Multilayer Ferrite Beads
Revision: 28-Aug-07
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
   Multilayer Ferrite Beads
Revision: 14-Mar-06
ILBB-0603 VISHAY-ILBB-0603 Datasheet
133Kb / 4P
   Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Allied Components Inter...
MLB20 ALLIED-MLB20 Datasheet
806Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILB1206ER500V VISHAY-ILB1206ER500V Datasheet
125Kb / 5P
   Multilayer Ferrite Beads
Revision: 04-Feb-11
ILBB-0603 VISHAY-ILBB-0603_06 Datasheet
113Kb / 5P
   Multilayer Ferrite Beads
Revision: 13-Mar-06
ILBB-0402 VISHAY-ILBB-0402_07 Datasheet
179Kb / 3P
   Multilayer Ferrite Beads
Revision: 12-Jul-07
ILBB0603 VISHAY-ILBB0603 Datasheet
151Kb / 5P
   Multilayer Ferrite Beads
ILB-1206 VISHAY-ILB-1206 Datasheet
221Kb / 5P
   Multilayer Ferrite Beads
Revision 19-Apr-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com