Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK2125TZ101C500T Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # FK2125TZ101C500T
Description  Notice for TAIYO YUDEN products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FK2125TZ101C500T Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

  FK2125TZ101C500T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FK2125TZ101C500T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FK2125TZ101C500T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FK2125TZ101C500T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FK2125TZ101C500T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FK2125TZ101C500T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FK2125TZ101C500T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
emifilter_reli_e-01
11. Solderability
Specified Value
At least 75% of terminal electrode is covered by new solder.
Test Methods and
Remarks
Solder temperature
: 230±5℃
Duration
: 4±1 sec.
Preheating temperature
: 150 to 180℃
Preheating time
: 2 to 3 min.
Flux
: Immersion into methanol solution with colophony for 3 to 5 sec.
12. Resistance to Soldering
Specified Value
No significant abnormality in appearance.
Test Methods and
Remarks
Solder temperature
: 260±5℃
Duration
: 10±0.5 sec.
Preheating temperature
: 150 to 180℃
Preheating time
: 2 to 3 min.
Flux
: Immersion into methanol solution with colophony for 3 to 5 sec.
13. Thermal Shock
Specified Value
No mechanical damage.
Insulation resistance (between 1 and 2)
: 20MΩ min.
DC resistance (between 1 and 3)
: 2Ω max.
: 3Ω max. (FK2125T107AL)
Test Methods and
Remarks
Conditions for 1 cycle
Step
Temperature (℃)
Duration (min)
1
Minimum operating temperature +0/-3
30±3
2
Room temperature
2 to 3
3
Maximum operating temperature +3/-0
30±3
4
Room temperature
2 to 3
Number of cycles
: 5
Recovery
: 2 to 3 hrs of recovery under the standard condition after the test.
14. Damp Heat steady state
Specified Value
No mechanical damage.
Insulation resistance (between 1 and 2)
: 20MΩ min.
DC resistance (between 1 and 3)
: 2Ω max.
: 3Ω max. (FK2125T107AL)
Test Methods and
Remarks
Temperature
: 40±2℃
Humidity
: 90 to 95%RH
Duration
: 500±12 hrs
Recovery
: 2 to 3 hrs of recovery under the standard condition after the removal from test chamber.
15. Loading under Damp Heat
Specified Value
No mechanical damage.
Insulation resistance (between 1 and 2)
: 20MΩ min.
DC resistance (between 1 and 3)
: 2Ω max.
: 3Ω max. (FK2125T107AL)
Test Methods and
Remarks
Temperature
: 40±2℃
Humidity
: 90 to 95%RH
Applied voltage
: Rated voltage (between 1 and 2)
Applied current
: Rated current (between 1 and 3)
Duration
: 500±12 hrs
Recovery
: 2 to 3 hrs of recovery under the standard condition after the removal from test chamber.
16. Loading at High Temperature
Specified Value
No mechanical damage.
Insulation resistance (between 1 and 2)
: 20MΩ min.
DC resistance (between 1 and 3)
: 2Ω max.
: 3Ω max. (FK2125T107AL)
Test Methods and
Remarks
Temperature
: 85±2℃
Applied voltage
: Rated voltage (between 1 and 2)
Applied current
: Rated current (between 1 and 3)
Duration
: 500±12 hrs
Recovery
: 2 to 3 hrs of recovery under the standard condition after the removal from test chamber.


Similar Part No. - FK2125TZ101C500T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FK2125TZ101C500T TAIYO-YUDEN-FK2125TZ101C500T Datasheet
266Kb / 2P
   Multilayer EMI Suppression Filters (TZ series)
More results

Similar Description - FK2125TZ101C500T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com