Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFU-34-24T-HP-CDFI Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # SFU-34-24T-HP-CDFI
Description  Single Fiber, Integrated Diplexer Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFU-34-24T-HP-CDFI Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button SFU-34-24T-HP-CDFI Datasheet HTML 4Page - Source Photonics, Inc. SFU-34-24T-HP-CDFI Datasheet HTML 5Page - Source Photonics, Inc. SFU-34-24T-HP-CDFI Datasheet HTML 6Page - Source Photonics, Inc. SFU-34-24T-HP-CDFI Datasheet HTML 7Page - Source Photonics, Inc. SFU-34-24T-HP-CDFI Datasheet HTML 8Page - Source Photonics, Inc. SFU-34-24T-HP-CDFI Datasheet HTML 9Page - Source Photonics, Inc. SFU-34-24T-HP-CDFI Datasheet HTML 10Page - Source Photonics, Inc. SFU-34-24T-HP-CDFI Datasheet HTML 11Page - Source Photonics, Inc. SFU-34-24T-HP-CDFI Datasheet HTML 12Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS-6782 Rev 00 2011-08-15
SFU-34-24T-HP-CDFI
Table 7 –EEPROM Memory Content (A0h)
Addr.
Field Size (Bytes)
Name of Field
Hex
Description
0
1
Identifier
02
Module/connector soldered to
motherboard
1
1
Ext. Identifier
04
MOD4
2
1
Connector
0B
Optical Pigtail
3-10
8
Transceiver
00 00 00 00 00 00 00 00
11
1
Encoding
03
NRZ
12
1
BR, Nominal
0C
1.244Gbps
13
1
Reserved
00
14
1
Length (9um)-km
14
20(km)
15
1
Length (9um)
C8
200(100m)
16
1
Length (50um)
00
Not Support MMF
17
1
Length (62.5um)
00
Not Support MMF
18
1
Length (Copper)
00
Not Support Copper
19
1
Reserved
00
20-35
16
Vendor name
53 4F 55 52 43 45 50 48
4F 54 4F 4E 49 43 53 20
“SOURCEPHOTONICS ”(ASCⅡ)
36
1
Reserved
00
37-39
3
Vendor OUI
00 00 00
40-55
16
Vendor PN
53 46 55 33 34 32 34 54
48 50 43 44 46 49 20 20
“SFU3424THPCDFI” (ASCII)
56-59
4
Vendor Rev
xx xx 20 20
ASCII(“31
30
20
20”
means
1.0
Revision)
60-61
2
Wavelength
05 1E
1310nm Laser Wavelength
62
1
Reserved
00
63
1
CC_BASE
xx
Check sum of byte 0-62
64-65
2
Options
00 0C
Rx_SD, Tx_Fault
66
1
BR, max
00
67
1
BR, min
00
68-83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCII
84-91
8
Date code
xx xx xx xx xx xx 20 20
Year(2 bytes),Month(2 bytes), Day(2
bytes)
92
1
Diagnostic Monitoring
Type
68
Compliant with SFF-8472 V9.5
Internally Calibrated
Received power measurement type
-Average Power
93
1
Enhanced Options
B0
Optional
Alarm/warning
Flags
Implemented; Tx_Fault; Rx_Los
94
1
SFF-8472 Compliance 02
Diagnostics
Compliance(SFF-8472
V9.5)


Similar Part No. - SFU-34-24T-HP-CDFI

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFU-34-24T-HP-CDFJ SOURCE-SFU-34-24T-HP-CDFJ Datasheet
359Kb / 12P
   SFU-34-24T-HP-CDFJ
More results

Similar Description - SFU-34-24T-HP-CDFI

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFA-34-24T-HP-TDFI SOURCE-SFA-34-24T-HP-TDFI Datasheet
297Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
SFU-34-24T-HP-TDFI SOURCE-SFU-34-24T-HP-TDFI Datasheet
296Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
SFA-34-24T-HP-CDFI SOURCE-SFA-34-24T-HP-CDFI Datasheet
297Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
List of Unclassifed Man...
TSE-0155-32S-P1-3 ETC-TSE-0155-32S-P1-3 Datasheet
453Kb / 10P
   SINGLE MODE SINGLE FIBER TRANSCEIVER
logo
Optoway Technology Inc
SPB-9905MG_2015 OPTOWAY-SPB-9905MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9920MG_2015 OPTOWAY-SPB-9920MG_2015 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9940MG_2015 OPTOWAY-SPB-9940MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9780M-1510G_2015 OPTOWAY-SPB-9780M-1510G_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com