Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576DP-5.0 Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576DP-5.0
Description  3A, 52kHz, Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576DP-5.0 Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM2576DP-5.0 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576DP-5.0 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576DP-5.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576DP-5.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576DP-5.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576DP-5.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576DP-5.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576DP-5.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576DP-5.0 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3A, 52kHz, Step-Down Switching Regulator
LM2576
Dec 2011 – Rev. 1.3
- 5
-
HTC
ABSOLUTE MAXIMUM RATINGS
(Absolute Maximum Ratings indicate limits beyond which damage to the device may occur)
Rating
Symbol
Value
UNIT
Maximum Supply Voltage
Vin
45
V
On/Off Pin Input Voltage
-
-0.3V ≤ V ≤ +Vin
V
Output Voltage to Ground (Steady-State)
-
-1.0
V
Power Dissipation
SOP8-PP 8Lead
Thermal Resistance, Junction to Ambient
Thermal Resistance, Junction to Case
PD
θJA
θJC
Internally Limited
Contact us
Contact us
W
/W
/W
TO-220 5Lead
PD
Internally Limited
W
Thermal Resistance, Junction to Ambient
θJA
65
/W
Thermal Resistance, Junction to Case
θJC
5
/W
TO-263 5Lead
PD
Internally Limited
W
Thermal Resistance, Junction to Ambient
θJA
70
/W
Thermal Resistance, Junction to Case
θJC
5
/W
Storage Temperature Range
TSTG
-60 to +150
Minimum ESD Rating(Human Body Model:
-
2.0
kV
C=100 pF, R=1.5kΩ
Lead Temperature (Soldering, 10seconds)
-
260
Maximum Junction Temperature
TJ
150
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be
functional, but do not guarantee specific performance limits. For guaranteed specifications, see the
Electrical Characteristics.)
Rating
Symbol
Value.
Unit
Operating Junction Temperature Range
TJ
-40 to +125
Supply Voltage
Vin
40
V


Similar Part No. - LM2576DP-5.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576D2T-005 ONSEMI-LM2576D2T-005 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-005G ONSEMI-LM2576D2T-005G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-012 ONSEMI-LM2576D2T-012 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-012G ONSEMI-LM2576D2T-012G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-015 ONSEMI-LM2576D2T-015 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Similar Description - LM2576DP-5.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
   3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com