Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR-D3T-SD5-2 Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # ITR-D3T-SD5-2
Description  1310/1490/1555nm Integrated Triplexer Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

ITR-D3T-SD5-2 Datasheet(HTML) 3 Page - Source Photonics, Inc.

  ITR-D3T-SD5-2 Datasheet HTML 1Page - Source Photonics, Inc. ITR-D3T-SD5-2 Datasheet HTML 2Page - Source Photonics, Inc. ITR-D3T-SD5-2 Datasheet HTML 3Page - Source Photonics, Inc. ITR-D3T-SD5-2 Datasheet HTML 4Page - Source Photonics, Inc. ITR-D3T-SD5-2 Datasheet HTML 5Page - Source Photonics, Inc. ITR-D3T-SD5-2 Datasheet HTML 6Page - Source Photonics, Inc. ITR-D3T-SD5-2 Datasheet HTML 7Page - Source Photonics, Inc. ITR-D3T-SD5-2 Datasheet HTML 8Page - Source Photonics, Inc. ITR-D3T-SD5-2 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ITR-D3T-SD5-2
DS-5660 Rev 00
Functional Characteristics
The following tables list the performance specifications for the various functional blocks of the integrated optical transceiver module.
Table 3 – Digital Transmitter Specifications
Parameter
Minimum
Typical
Maximum
Unit
Notes
Operating Voltage
3.14
3.30
3.46
V
Vcc referenced to GND_Tx
Data Rate
-
1244.16
-
Mbps
Average Optical Output Power, Po
0.5
-
5
dBm
Output Power at Transmit Off
-
-
-40
dBm
Extinction Ratio
10
-
-
dB
PRBS 2
23-1, NRZ, 50% duty cycle
Transmitter Output Eye
G.984.2 Figure 3
Optical Rise and Fall Time
-
250
-
ps
20% to 80%
Side Mode Suppression Ration (SMSR)
30
-
-
dB
Differential Input Voltage, Vin
300
-
1800
mVp-p
BEN+/- and TXD+/-. DC-coupled
Input Impedance, differential
-
100
-
BEN+/-, TXD+/-
Common-Mode Input Voltage
GND_Tx +
1.4
-
Vcc - (Vin/2) -
0.1
V
DC coupled
Tx Burst Enable Time
-
-
12.86
ns
16 bits data @ 1244Mbps
Tx Burst Disable Time
-
-
12.86
ns
16 bits data @ 1244Mbps
Jitter Generation
-
-
0.2
UI
4 kHz to 10 MHz
Refer to Figure 1 which schematically describes the high speed data inputs/outputs of the optical transceiver module.
LDD/Post amp.
TX
Tx Data
&
Burst Enable
Rx Data
100
π
100
π Differential
Transmission Line
RX
0.1
πF
100
π Differential
Transmission Line
0.1
πF
For CML
Tx Data
Figure 1 - Schematic representation of the module high speed inputs/outputs


Similar Part No. - ITR-D3T-SD5-2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-A SOURCE-ITR-D3T-SD6-A Datasheet
346Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD9 SOURCE-ITR-D3T-SD9 Datasheet
577Kb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results

Similar Description - ITR-D3T-SD5-2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ITR-D3T-SD9 SOURCE-ITR-D3T-SD9 Datasheet
577Kb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-A SOURCE-ITR-D3T-SD6-A Datasheet
346Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
logo
Optoway Technology Inc
SPB-9920MG OPTOWAY-SPB-9920MG Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9940MG OPTOWAY-SPB-9940MG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com