Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM37102RS Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM37102RS
Description  1A Low-Voltage Low-Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37102RS Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM37102RS Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM37102RS Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM37102RS Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37102RS Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37102RS Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37102RS Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37102RS Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37102RS Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37102RS Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37101/37102
Nov. 2011 – R1.1
- 4
-
HTC
ELECTRICAL CHARACTERISTICS
VIN= VOUT +1V; VEN = 2.25V; TJ = 25°C, bold values indicate -40°C ≤ TJ ≤ +125°C; unless noted
Symbol
Parameters
Condition
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
10mA
10mA ≤ IOUT ≤ 1A, VOUT+1V ≤ VIN ≤8V
-1
-2
1
2
%
%
Line Regulation
IOUT=10mA, VOUT +1V ≤ VIN ≤ 16V
0.06
0.5
%
Load Regulation
VIN= VOUT +1V, 10mA ≤ IOUT ≤ 1A
0.2
1
%
ΔVOUT/ΔT
Output Voltage Temp.
Coefficient
(Note 4)
40
100
ppm/ °C
VDO
Dropout Voltage
(Note 5)
IOUT=100mA, ΔVOUT = -1%
170
210
250
mV
mV
IOUT=500mA, ΔVOUT = -1%
315
mV
IOUT=750mA, ΔVOUT = -1%
390
500
mV
IOUT=1A, ΔVOUT = -1%
470
570
630
mV
mV
IGND
Ground Current
(Note 6)
IOUT=100mA, VIN= VOUT+1V
700
μA
IOUT=500mA, VIN= VOUT+1V
4
mA
IOUT=750mA, VIN= VOUT+1V
7
mA
IOUT(lim)
Current Limit
VOUT=0V, VIN=VOUT+1V
1.8
2.5
A
Enable Input
VEN
Enable Input Voltage
logic low (off)
0.8
V
logic high (on)
2.25
V
IEN
Enable Input Current
VEN=2.25V
1
15
30
75
μA
μA
VEN=0.8V
2
4
μA
μA
TEN
Delay time to
Nominal Output Voltage
(Note 7)
IOUT =10mA, VIN =VOUT +1V,
VEN =0V to VIN
50
500
μs
IOUT =500mA, VIN =VOUT +1V,
VEN =0V to VIN
250
2000
IOUT =1.0A, VIN =VOUT +1V,
VEN =0V to VIN
350
3000
Flag Output
IFLG (leak)
Output Leakage
Current
VOH=16V
0.01
1
2
μA
μA
VFLG (do)
Output Low Voltage
(Note 8)
VIN=0.9.VOUT NOMINAL, IOL=250μA
240
300
400
mV
mV
VFLG
Low Threshold
% of VOUT
93
%
High Threshold
% of VOUT
99.2
%
Hysteresis
1
%


Similar Part No. - LM37102RS

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM37102RS HTC-LM37102RS Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37102RS-1.5V HTC-LM37102RS-1.5V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37102RS-1.8V HTC-LM37102RS-1.8V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37102RS-2.5V HTC-LM37102RS-2.5V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37102RS-3.3V HTC-LM37102RS-3.3V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results

Similar Description - LM37102RS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com