Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576T-3.3 Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576T-3.3
Description  3A, 52kHz, Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576T-3.3 Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM2576T-3.3 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576T-3.3 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576T-3.3 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576T-3.3 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576T-3.3 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576T-3.3 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576T-3.3 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM2576T-3.3 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM2576T-3.3 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
3A, 52kHz, Step-Down Switching Regulator
LM2576
Dec 2011 – Rev. 1.3
- 11
-
HTC
Cin - 100µF, 75V, Aluminium Electrolytic
Cout - 1000µF, 25V, Aluminium Electrolytic
D1 - Schottky, MBR360
L1 -100 µH, Pulse Eng. PE-92108
R1 - 2.0 k, 0.1%
R2 - 6.12 k, 0.1%
)
0
.
1
V
V
(
1
R
=
2
R
ref
out
-
Where Vref = 1.23V, R1 between 1.0k and 5.0k
)
1
R
2
R
+
0
.
1
(
V
=
V
ref
out
Figure 15. Typical Test Circuit


Similar Part No. - LM2576T-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576T-3.3 NSC-LM2576T-3.3 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-3.3 ONSEMI-LM2576T-3.3 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576T-3.3 SEMTECH-LM2576T-3.3 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
logo
List of Unclassifed Man...
LM2576T-3.3 ETC1-LM2576T-3.3 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
Motorola, Inc
LM2576T-3.3 MOTOROLA-LM2576T-3.3 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
More results

Similar Description - LM2576T-3.3

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
   3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com