Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D217V853S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # D217V853S
Description  Dual Channel Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

D217V853S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  D217V853S Datasheet HTML 1Page - Fairchild Semiconductor D217V853S Datasheet HTML 2Page - Fairchild Semiconductor D217V853S Datasheet HTML 3Page - Fairchild Semiconductor D217V853S Datasheet HTML 4Page - Fairchild Semiconductor D217V853S Datasheet HTML 5Page - Fairchild Semiconductor D217V853S Datasheet HTML 6Page - Fairchild Semiconductor D217V853S Datasheet HTML 7Page - Fairchild Semiconductor D217V853S Datasheet HTML 8Page - Fairchild Semiconductor D217V853S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOCD217M Rev. 1.0.5
3
Electrical Characteristics
TA = 25°C unless otherwise specified.
*Typical values at TA = 25°C
Notes:
1. Input-Output Isolation Voltage, VISO, is an internal device dielectric breakdown rating.
2. For this test, pins 1, 2, 3 and 4 are common and pins 5, 6, 7 and 8 are common.
3. VISO rating of 2500 VAC(rms) for t = 1 minute is equivalent to a rating of 3,000 VAC(rms) for t = 1 second.
4. Current Transfer Ratio (CTR) = IC / IF x 100%.
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
Emitter
VF
Input Forward Voltage
IF = 10 mA
1.05
1.3
V
IR
Reverse Leakage Current
VR = 6.0 V
0.1
100
µA
C
Capacitance
18
pF
Detector
ICEO1
Collector-Emitter Dark Current
VCE = 10 V, TA = 25°C
1.0
50
nA
ICEO2
VCE = 10 V, TA = 100°C
1.0
µA
BVCEO
Collector-Emitter Breakdown
Voltage
IC = 100 µA
30
90
V
BVECO
Emitter-Collector Breakdown
Voltage
IE = 100 µA
7.0
7.8
V
CCE
Collector-Emitter Capacitance
f = 1.0 MHz, VCE = 0 V
7.0
pF
Coupled
CTR
Current Transfer Ratio(4)
IF = 1.0 mA, VCE = 5 V
100
130
%
VCE (sat) Collector-Emitter Saturation
Voltage
IC = 2.0 mA, IF = 10 mA
0.35
0.4
V
ton
Turn-On Time
IC = 2.0 mA, VCC = 10 V, RL = 100 Ω
(Fig. 8)
7.5
µs
toff
Turn-Off Time
IC = 2.0 mA, VCC = 10 V, RL = 100 Ω
(Fig. 8)
5.7
µs
tr
Rise Time
IC = 2.0 mA, VCC = 10 V, RL = 100 Ω
(Fig. 8)
3.2
µs
tf
Fall Time
IC = 2.0 mA, VCC = 10 V, RL = 100 Ω
(Fig. 8)
4.7
µs
VISO
Isolation Surge Voltage(1)(2)(3)
f = 60 Hz, t = 1 minute
2500
Vac(rms)
RISO
Isolation Resistance(2)
VI-O = 500 V
1011
Ω
CISO
Isolation Capacitance(2)
VI-O = 0 V, f = 1 MHz
0.2
pF


Similar Part No. - D217V853S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D217 ETC1-D217 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D217 MPD-D217 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
D217E MPD-D217E Datasheet
181Kb / 2P
   Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D217EI MPD-D217EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
D217ERU MPD-D217ERU Datasheet
205Kb / 2P
   Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
More results

Similar Description - D217V853S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD207M FAIRCHILD-MOCD207M Datasheet
83Kb / 6P
   DUAL CHANNEL PHOTOTRANSISTOR
logo
Siemens Semiconductor G...
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
   HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H Datasheet
95Kb / 7P
   Dual Channel Optocoupler with Phototransistor
Rev. A1, 11-Jan-99
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com