Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28740 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28740
Description  Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28740 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28740 Datasheet HTML 6Page - Texas Instruments UCC28740 Datasheet HTML 7Page - Texas Instruments UCC28740 Datasheet HTML 8Page - Texas Instruments UCC28740 Datasheet HTML 9Page - Texas Instruments UCC28740 Datasheet HTML 10Page - Texas Instruments UCC28740 Datasheet HTML 11Page - Texas Instruments UCC28740 Datasheet HTML 12Page - Texas Instruments UCC28740 Datasheet HTML 13Page - Texas Instruments UCC28740 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
0
40
80
120
160
200
240
280
320
-50
-25
0
25
50
75
100
125
T
J - Temperature
(oC)
C003
V
HV = 100 V, VVDD = 0 V
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
T
J - Temperature
(oC)
C004
I
VSL(run)
I
VSL(stop)
0.0001
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
VDD - Bias-Supply Voltage (V)
C001
HV = Open
Run State
Wait State
Start State
VDD Turn-On
VDD Turn-Off
0.0001
0.001
0.01
0.1
1
10
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C002
HV = Open
I
RUN, VDD = 25 V
I
WAIT, VDD = 25 V
I
START, VDD = 18 V
UCC28740
SLUSBF3A – JULY 2013 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS
VVDD = 25 V, TJ = 25°C, unless otherwise noted.
Figure 2. Bias-Supply Current vs. Bias-Supply Voltage
Figure 3. Bias-Supply Current vs. Temperature
Figure 4. HV Startup Current vs. Temperature
Figure 5. VS Line-Sense Currents vs. Temperature
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: UCC28740


Similar Part No. - UCC28740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28740 TI1-UCC28740 Datasheet
822Kb / 39P
[Old version datasheet]   UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
UCC28740-Q1 TI1-UCC28740-Q1 Datasheet
822Kb / 39P
[Old version datasheet]   UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
UCC28740QDRQ1 TI1-UCC28740QDRQ1 Datasheet
822Kb / 39P
[Old version datasheet]   UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
UCC28740 TI-UCC28740_15 Datasheet
1Mb / 37P
[Old version datasheet]   UCC28740 Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
More results

Similar Description - UCC28740

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP9268 EUTECH-EUP9268 Datasheet
147Kb / 1P
   Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
logo
Texas Instruments
UCC28740 TI-UCC28740_15 Datasheet
1Mb / 37P
[Old version datasheet]   UCC28740 Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
logo
SHENZHEN FUMAN ELECTRON...
FM3772B FUMAN-FM3772B Datasheet
538Kb / 9P
   Self-powered constant current / constant voltage primary feedback controller
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com