Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78L05F Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L05F
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L05F Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM78L05F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM78L05F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L05F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L05F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L05F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L05F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L05F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L05F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L05F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Jun. 2012 - Rev. 1.5
- 4
-
HTC
PIN CONFIGURATION
TO-92
SOT-89
SOP-8
PIN DESCRIPTION
TO-92 / SOT-89 3 LEAD
SOP-8 8 LEAD
Pin No.
Name
Function
Name
Function
1
VOUT
Output Voltage
VOUT
Output Voltage
2
GND
Ground
GND
Ground
3
VIN
Input Voltage
GND
Ground
4 / 5
-
-
N.C
Not Connected
6 / 7
-
-
GND
Ground
8
-
-
VIN
Input Voltage
TYPICAL APPLICATION
LM78LXX
(Note 1)
0.1uF
(Note 2)
0.33uF
(Note 2)
INPUT
OUTPUT
Note)
1.
To specify an output voltage, substitute voltage for "XX".
2.
Bypass capacitors are recommended for optimum stability and transient response and should be located as close
as possible to the regulators.
1. VOUT 2. GND 3. VIN
1. VOUT
2. GND
3. GND
4. N.C
8. VIN
7. GND
6. GND
5. N.C
1. VOUT 2. GND 3. VIN


Similar Part No. - LM78L05F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM78L05F HTC-LM78L05F Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM78L05F TGS-LM78L05F Datasheet
245Kb / 2P
   SOT-89 Encapsulate Three Terminal Voltage Regulator
logo
Shanghai Leiditech Elec...
LM78L05F LEIDITECH-LM78L05F Datasheet
421Kb / 4P
   Bipolar Three-terminal positive-voltage regulator
More results

Similar Description - LM78L05F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com