Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62737RGYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62737RGYR
Description  Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62737RGYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62737RGYR Datasheet HTML 6Page - Texas Instruments TPS62737RGYR Datasheet HTML 7Page - Texas Instruments TPS62737RGYR Datasheet HTML 8Page - Texas Instruments TPS62737RGYR Datasheet HTML 9Page - Texas Instruments TPS62737RGYR Datasheet HTML 10Page - Texas Instruments TPS62737RGYR Datasheet HTML 11Page - Texas Instruments TPS62737RGYR Datasheet HTML 12Page - Texas Instruments TPS62737RGYR Datasheet HTML 13Page - Texas Instruments TPS62737RGYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
TPS62736
TPS62737
SLVSBO4B – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs for TPS62736
Unless otherwise noted, graphs were taken using Figure 1 with L = Toko 10 µH DFE252012C
FIGURE
vs. Output Current
Figure 5
VO = 2.5 V Efficiency
vs. Input Voltage
Figure 6
vs. Output Current
Figure 7
η
VO = 1.8 V Efficiency
vs. Input Voltage
Figure 8
vs. Output Current
Figure 9
VO = 1.3 V Efficiency
vs. Input Voltage
Figure 10
vs. Output Current
Figure 11
VO = 2.5 V
vs. Input Voltage
Figure 12
vs. Temperature
Figure 13
vs. Output Current
Figure 14
VOUT (DC)
VO = 1.8 V
vs. Input Voltage
Figure 15
vs. Temperature
Figure 16
vs. Output Current
Figure 17
VO = 1.3 V
vs. Input Voltage
Figure 18
vs. Temperature
Figure 19
VO = 2.5 V
Figure 20
IOUT MAX (DC)
VO = 1.8 V
vs. Input Voltage
Figure 21
VO = 1.3 V
Figure 22
EN1 = 1, EN2 = 0 (Ship Mode)
Figure 23
Input IQ
EN1 = 0, EN2 = 0 (Standby Mode)
vs. Input Voltage
Figure 24
EN1 = 0, EN2 = 1 (Active Mode)
Figure 25
vs. Output Current
Figure 27
Switching Frequency
VO = 2.5 V
vs. Input Voltage
Figure 28
vs.Output Current
Figure 29
Output Ripple
VO = 2.5 V
vs. Input Voltage
Figure 30
RO = 50 Ω
Figure 31
VIN = 3 V, VO = 2.5 V
Steady State Operation
RO = 100 kΩ
Figure 32
VIN = 3 V, VO = 1.8 V, L = 4.7 µH
RO = 50 Ω
Figure 33
Power Management Response
VRDIV Behavior
VO = 2.5 V
Figure 34
Line Transient, VIN = 3.0V -> 5.0V,
Figure 35
ROUT = 50 Ω
Load Transient, VIN = 4.0V, ROUT =
Transient Response
VO = 2.5 V
Figure 36
none -> 50
Ω
IR Pulse Transient, VIN = 4.0V, 200mA
Figure 37
transient every 1us
EN1 1 to 0, EN2=1 - Ship mode startup
Figure 38
Startup Behavior
VIN = 4.0 V, VO = 1.8 V
EN1 = 0, EN2 0 to 1 - Standy mode
Figure 39
startup
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS62736 TPS62737


Similar Part No. - TPS62737RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62737 TI1-TPS62737 Datasheet
1Mb / 36P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
More results

Similar Description - TPS62737RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62736 TI1-TPS62736_14 Datasheet
1Mb / 36P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62736 TI-TPS62736_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
logo
Maxim Integrated Produc...
MAX17271 MAXIM-MAX17271 Datasheet
1Mb / 13P
   Up to 50mA/75mA/80mA Output Current
Rev 0; 2/18
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
logo
Texas Instruments
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
logo
PREMA Semiconductor.
PR4102 PREMA-PR4102 Datasheet
335Kb / 8P
   Buck Converter with controlled Output Current
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
   Up to 200 W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com