Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54020RUWT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54020RUWT
Description  Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54020RUWT Datasheet(HTML) 3 Page - Texas Instruments

  TPS54020RUWT Datasheet HTML 1Page - Texas Instruments TPS54020RUWT Datasheet HTML 2Page - Texas Instruments TPS54020RUWT Datasheet HTML 3Page - Texas Instruments TPS54020RUWT Datasheet HTML 4Page - Texas Instruments TPS54020RUWT Datasheet HTML 5Page - Texas Instruments TPS54020RUWT Datasheet HTML 6Page - Texas Instruments TPS54020RUWT Datasheet HTML 7Page - Texas Instruments TPS54020RUWT Datasheet HTML 8Page - Texas Instruments TPS54020RUWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
TPS54020
www.ti.com
SLVSB10C – JULY 2012 – REVISED MARCH 2013
THERMAL INFORMATION
TPS54020
THERMAL METRIC(1)
UNITS
RUW (15 PINS)
θJA
Junction-to-ambient thermal resistance
16.6(2)
θJC(top)
Junction-to-case (top) thermal resistance
28.8
θJB
Junction-to-board thermal resistance
19.0
°C/W
ψJT
Junction-to-top characterization parameter
0.7
ψJB
Junction-to-board characterization parameter
18.9
θJC(bottom) Junction-to-case (bottom) thermal resistance
0.3
spacer
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A.
(2)
Applicable only to the EVM in free space with no airflow.
spacer
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 4.5V to 17V, PVIN = 4.5V to 17V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN AND PVIN PINS)
PVIN operating input voltage
1.6
17
V
VIN operating input voltage
4.5
17
V
VIN Internal UVLO Threshold
VIN Rising
4
4.5
V
VIN Internal UVLO hysteresis
150
mV
VIN shutdown supply current
VEN = 0 V
2
10
µA
VIN operating – non switching supply
VVSENSE = 610 mV
600
1000
µA
current
ENABLE AND UVLO (EN PIN)
Rising
1.22
1.26
V
VEN
Enable threshold
Falling
1.10
1.17
V
IIN(EN)
Input current
VEN = 1.1 V
–1.15
µA
Hysteresis current
VEN = 1.3 V
–3.3
µA
VOLTAGE REFERENCE
VREF
Voltage reference
0 A
≤ IOUT ≤ 10 A, –40°C ≤ TA ≤ 150°C
0.594
0.6
0.606
V
MOSFET
BOOT-PH= 3 V
9.5
18
m
Ω
DRVH
High-side switch resistance
BOOT-PH= 6 V(1)
8
14
m
Ω
DRVL
Low-side switch resistance(1)
VVIN = 12 V
6
11
m
Ω
ERROR AMPLIFIER
Error amplifier input bias current
VVIN = 12 V
50
nA
gM
Error amplifier transconductance
–2 µA < ICOMP < 2 µA, VCOMP = 1 V
1300
µS
Error amplifier dc gain
VVSENSE = 0.6 V
1000
3000
V/V
Error amplifier source/sink
VCOMP = 1 V, 100 mV Overdrive
±100
µA
Start switching threshold
VCOMP
0.27
V
IILIM = NC
20
gM
COMP to ISWITCH transconductance
IILIM = RTN
17
A/V
499 k
Ω (1%) between ILIM and RTN
13
(1)
Measured at pins.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS54020


Similar Part No. - TPS54020RUWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54020RUWT TI1-TPS54020RUWT Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
More results

Similar Description - TPS54020RUWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com