Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51367RVER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51367RVER
Description  22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51367RVER Datasheet(HTML) 5 Page - Texas Instruments

  TPS51367RVER Datasheet HTML 1Page - Texas Instruments TPS51367RVER Datasheet HTML 2Page - Texas Instruments TPS51367RVER Datasheet HTML 3Page - Texas Instruments TPS51367RVER Datasheet HTML 4Page - Texas Instruments TPS51367RVER Datasheet HTML 5Page - Texas Instruments TPS51367RVER Datasheet HTML 6Page - Texas Instruments TPS51367RVER Datasheet HTML 7Page - Texas Instruments TPS51367RVER Datasheet HTML 8Page - Texas Instruments TPS51367RVER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TPS51367
www.ti.com
SLUSBB7A – MARCH 2013 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12 V, VV5 = 5 V, MODE = GND, VEN = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OVERCURRENT LIMIT LEVEL
VTRIP = 0 V, valley current set point, TA = 25°C
7
8
9
A
IOCL
Current limit threshold
VTRIP = 5 V, valley current set point, TA = 25°C
10.5
12.0
13.5
VTRIP = FLOAT, valley current set point, TA = 25°C
14
16
18
VZC
(2)
Zero cross detection offset
0
mV
PROTECTIONS
VPOR
V5 POR threshold voltage(2)
Reset OVP fault
1.7
V
V5 POR threshold voltage
mV
VPORHYS
Reset OVP fault hysteresis
85
hysteresis(2)
Wake-up
4.3
4.4
4.6
V
VUVLO
V5 UVLO threshold voltage
Shutdown
3.8
4
4.2
VOVP
OVP threshold voltage
OVP detect voltage
118%
120%
123%
tOVPDLY
OVP propagation delay
With 100 mV overdrive
430
ns
VOOB
OOB threshold voltage
105.5%
109.5%
VUVP
UVP threshold voltage
UVP detect voltage
63%
66%
69%
tUVPDLY
UVP delay
1
ms
THERMAL SHUTDOWN
Shutdown temperature
140
°C
TSDN
Thermal shutdown threshold(2)
Hysteresis
10
(2)
Ensured by design.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS51367


Similar Part No. - TPS51367RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
More results

Similar Description - TPS51367RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362 TI1-TPS51362_17 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
[Old version datasheet]   22-V Input, 8-A or 10-A Converter With Integrated FET
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TPS61021 TI1-TPS61021 Datasheet
4Mb / 27P
[Old version datasheet]   3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61022 TI1-TPS61022 Datasheet
1Mb / 24P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com