Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063AB Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # MC34063AB
Description  DC-DC Converter Control Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

MC34063AB Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button MC34063AB Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. MC34063AB Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. MC34063AB Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. MC34063AB Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. MC34063AB Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. MC34063AB Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. MC34063AB Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. MC34063AB Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. MC34063AB Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DC-DC Converter Control Circuits
MC34063A/B
Jan. 2011 - Rev. 1.0
- 8
-
HTC
Step-Up with External NPN Switch
Voltage Inverting Converter
S
Q
R
Q2
IPK
Oscillator
1.25V
Reference
Regulator
Q1
3
2
4
1
7
6
5
8
+
-
Comparator
RSC
+
VIN
VOUT
C2
100uF
R1
8.2kO
R2
953O
C3
1.5nF
DRC
IPK
VCC
CII
SWC
SWE
TC
GND
1
2
3
4
8
7
6
5
VIN
4.5V to 5V
VOUT
-12V / 100mA
RSC
0.22O
D1
BYV10-40
C1
1000uF
+
+
L1
90uH


Similar Part No. - MC34063AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
130Kb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
1Mb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
March 2001
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
993Kb / 23P
   DC/DC converter control circuits
MC34063ABD STMICROELECTRONICS-MC34063ABD Datasheet
130Kb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
MC34063ABD STMICROELECTRONICS-MC34063ABD Datasheet
1Mb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
March 2001
More results

Similar Description - MC34063AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC34063A ETC1-MC34063A Datasheet
124Kb / 10P
   DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
993Kb / 23P
   DC/DC converter control circuits
logo
HTC Korea TAEJIN Techno...
MC34063A HTC-MC34063A Datasheet
178Kb / 11P
   DC-DC Converter Control Circuits
logo
Leshan Radio Company
LR34063 LRC-LR34063 Datasheet
244Kb / 12P
   DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063A STMICROELECTRONICS-MC34063A Datasheet
130Kb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
MC34063 STMICROELECTRONICS-MC34063 Datasheet
1Mb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
March 2001
logo
List of Unclassifed Man...
AMC34063 ETC-AMC34063 Datasheet
275Kb / 9P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
Shenzhen Huazhimei Semi...
HM3135 HMSEMI-HM3135 Datasheet
673Kb / 10P
   DC-DC CONVERTER CONTROL CIRCUITS
HM3134 HMSEMI-HM3134 Datasheet
1Mb / 13P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
ADDtek Corp
AMC34063A ADDTEK-AMC34063A Datasheet
205Kb / 9P
   DC-DC CONVERTER CONTROL CIRCUITS
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com