Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA8424 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA8424
Description  Check for Samples: TCA8424
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA8424 Datasheet(HTML) 5 Page - Texas Instruments

  TCA8424 Datasheet HTML 1Page - Texas Instruments TCA8424 Datasheet HTML 2Page - Texas Instruments TCA8424 Datasheet HTML 3Page - Texas Instruments TCA8424 Datasheet HTML 4Page - Texas Instruments TCA8424 Datasheet HTML 5Page - Texas Instruments TCA8424 Datasheet HTML 6Page - Texas Instruments TCA8424 Datasheet HTML 7Page - Texas Instruments TCA8424 Datasheet HTML 8Page - Texas Instruments TCA8424 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NACK
ACK
9
8
2
1
Data Output
by Receiver
Data Output
by Transmitter
SCL From
Master
Start
Condition
S
Clock Pulse for
Acknowledgment
SDA
SCL
Data Line Change
SDA
SCL
S
P
Start Condition
Stop Condition
TCA8424
www.ti.com
SCDS341 – MARCH 2013
A master receiver signals an end of data to the slave transmitter by not generating an acknowledge (NACK) after
the last byte has been clocked out of the slave. This is done by the master receiver by holding the SDA line high.
In this event, the transmitter must release the data line to enable the master to generate a Stop condition.
NOTE
Any communication to another device on the same I2C BUS must be terminated by a stop
condition before communicating to the TCA8424. Any glitches below 0.7 × VCC on the
SCL or SDA line should be less than 50 ns as per the I2C specification.
Figure 1. Definition of Start and Stop Conditions
Figure 2. Bit Transfer
Figure 3. Acknowledgment on I2C Bus
DEVICE I
2C ADDRESS
The address of the device is shown below:
Table 1. Address Reference
SLAVE ADDRESS
I2C BUS SLAVE ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
0
1
1
1
0
1
1
0 (W)
134 (decimal), 76(h)
0
1
1
1
0
1
1
1 (R)
135 (decimal), 77(h)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TCA8424


Similar Part No. - TCA8424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
884Kb / 30P
[Old version datasheet]   Low-Voltage 8x16 Keyboard Scanner with HID over I2C Compliant Interface
TCA8424RHAR TI-TCA8424RHAR Datasheet
884Kb / 30P
[Old version datasheet]   Low-Voltage 8x16 Keyboard Scanner with HID over I2C Compliant Interface
More results

Similar Description - TCA8424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
SN65HVD102 TI-SN65HVD102 Datasheet
920Kb / 23P
[Old version datasheet]   Check for Samples: SN65HVD101, SN65HVD102
TLV713P TI-TLV713P Datasheet
1Mb / 26P
[Old version datasheet]   Check for Samples: TLV713, TLV713P
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
   Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com