Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP92064 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92064
Description  Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92064 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP92064 Datasheet HTML 5Page - Texas Instruments LMP92064 Datasheet HTML 6Page - Texas Instruments LMP92064 Datasheet HTML 7Page - Texas Instruments LMP92064 Datasheet HTML 8Page - Texas Instruments LMP92064 Datasheet HTML 9Page - Texas Instruments LMP92064 Datasheet HTML 10Page - Texas Instruments LMP92064 Datasheet HTML 11Page - Texas Instruments LMP92064 Datasheet HTML 12Page - Texas Instruments LMP92064 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
-1.0
-0.5
0.0
0.5
1.0
1.5
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Supply Voltage (V)
C01
105°C
25°C
-40°C
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Supply Voltage (V)
C01
25°C
105°C
-40°C
0
10
20
30
40
50
60
70
-75
-50
-25
0
25
50
75
CMRR (µV/V)
C00
25°C
-40°C
125°C
Vin = 0mV
0
10
20
30
40
50
-100
-50
0
50
100
PSRR (µV/V)
C01
25°C
-40°C
125°C
Vin = 10mV
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
Output Code
C00
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
Output Code
C00
LMP92064
www.ti.com
SNOSCX0 – JUNE 2013
TYPICAL CHARACTERISTICS (continued)
All plots at TA = 25ºC, VDD = 5.0V, VDIG = 5.0V, VCM = 0V and GND = DGND = 0V, unless otherwise specified.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
(Current Channel)
(Current Channel)
Figure 12.
Figure 13.
POWER SUPPLY REJECTION RATIO DISTRIBUTION
COMMON-MODE REJECTION RATIO DISTRIBUTION
VCM = -0.2V
(Current Channel)
(Current Channel)
Figure 14.
Figure 15.
INPUT-REFERRED OFFSET
GAIN ERROR
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
(Voltage Channel)
(Voltage Channel)
Figure 16.
Figure 17.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP92064


Similar Part No. - LMP92064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI1-LMP92064 Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SD TI1-LMP92064SD Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SD/NOPB TI1-LMP92064SD/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SDE TI1-LMP92064SDE Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SDE/NOPB TI1-LMP92064SDE/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
More results

Similar Description - LMP92064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI1-LMP92064 Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064 TI-LMP92064_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,Current Sensor and Voltage Monitor With SPI
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
   High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
logo
Analog Devices
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
logo
Unisonic Technologies
UCM101 UTC-UCM101_15 Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
logo
Analog Devices
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
   Bidirectional precision high-side current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com