Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2404INE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2404INE4
Description  FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2404INE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2404INE4 Datasheet HTML 6Page - Texas Instruments TLV2404INE4 Datasheet HTML 7Page - Texas Instruments TLV2404INE4 Datasheet HTML 8Page - Texas Instruments TLV2404INE4 Datasheet HTML 9Page - Texas Instruments TLV2404INE4 Datasheet HTML 10Page - Texas Instruments TLV2404INE4 Datasheet HTML 11Page - Texas Instruments TLV2404INE4 Datasheet HTML 12Page - Texas Instruments TLV2404INE4 Datasheet HTML 13Page - Texas Instruments TLV2404INE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244B – FEBRUARY 2000 – REVISED NOVEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
101214
16
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
AV = 1
VIN = VCC / 2
TA = 125°C
TA = 70 °C
TA = 25 °C
TA = 0 °C
TA = –40°C
Figure 20
40
50
60
70
80
90
100
110
120
10
100
1k
10k
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
VCC = 2.7, 5, & 15 V
TA = 25°C
Figure 21
DIFFERENTIAL VOLTAGE GAIN AND PHASE
vs
FREQUENCY
f – Frequency – Hz
10
100
1k
10k
10
0
–20
–10
30
20
40
50
0
–45
45
90
VCC = 2.7, 5, & 15 V
RL = 500 kΩ
CL = 100 pF
TA = 25°C
60
135
Figure 22
0
1
2
3
4
5
6
7
2.5 4.0 5.5 7.0 8.5 10.0 11.5 13.0 14.5 16.0
GAIN BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
TA = 25°C
RL = 100 kΩ
CL = 100 pF
f = 1 kHz
VCC – Supply Voltage –V
Figure 23
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40 –25 –10 5
20 35 50 65 80 95 110 125
SLEW RATE
vs
FREE-AIR TEMPERATURE
VCC = 5, 15 V
TA – Free-Air Temperature – °C
SR+
SR–
VCC = 2.7 V
VCC = 2.7, 5, & 15 V
Figure 24
0
10
20
30
40
50
60
70
80
10
100
1k
10k
PHASE MARGIN
vs
CAPACITIVE LOAD
CL – Capacitive Load – pF
VCC = 2.7, 5, & 15 V
RL = 500 kΩ
TA = 25°C


Similar Part No. - TLV2404INE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2404IN TI-TLV2404IN Datasheet
391Kb / 23P
[Old version datasheet]   FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
More results

Similar Description - TLV2404INE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2401-Q1 TI-TLV2401-Q1_15 Datasheet
920Kb / 23P
[Old version datasheet]   FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2402-Q1 TI1-TLV2402-Q1 Datasheet
767Kb / 22P
[Old version datasheet]   FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2401 TI-TLV2401 Datasheet
391Kb / 23P
[Old version datasheet]   FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
   880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com