Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCL500PS27 Datasheet(PDF) 4 Page - XP Power Limited

Part # LCL500PS27
Description  150-500 Watts LCL Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL500PS27 Datasheet(HTML) 4 Page - XP Power Limited

  LCL500PS27 Datasheet HTML 1Page - XP Power Limited LCL500PS27 Datasheet HTML 2Page - XP Power Limited LCL500PS27 Datasheet HTML 3Page - XP Power Limited LCL500PS27 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
24-Oct-12
LCL500
Model and Ratings
Derating Curves
Input Voltage (VAC)
90
90
100 110
120 230
240 250
85
264
100
Mechanical Details
1. Output power derates linearly from 100% at 90 VAC to 90% at 85 VAC.
2. Measured with 20 MHz bandwidth.
Output Power(1)
Output Voltage
Trim Range
Output Current
Ripple & Noise(2)
Model Number
500 W
12.0 V
11.0-13.0 V
42.0 A
120 mV pk-pk
LCL500PS12†^
13.5 V
12.5-14.5 V
37.0 A
150 mV pk-pk
LCL500PS13
15.0 V
14.0-16.0 V
34.0 A
150 mV pk-pk
LCL500PS15†^
24.0 V
23.0-25.0 V
21.0 A
150 mV pk-pk
LCL500PS24†^
27.0 V
26.0-28.0 V
18.5 A
150 mV pk-pk
LCL500PS27
48.0 V
47.0-49.0 V
10.5 A
240 mV pk-pk
LCL500PS48†^
Ambient Temperature (°C)
80
60
40
20
100
0
10
-10
20 30
40
50
60 70
Notes
1.Dimensions shown in inches (mm).
2. Weight: 3.2 lbs (1.45 kg) approx.
3. Tolerance is ±0.05 (±0.2) maximum.
Applying >4.5 V to Pin 2 with
respect to Pin 1 turns output off.
Applying <0.8 V to Pin 2 with
respect to Pin 1 or open circuit
turns output on.
Mating Connectors (J2):
WST P4-I25002 housing
WST I25002BS contacts
Notes
1.41
(36.0)
2.08
(53.0)
0.60
(15.0)
1.00
(25.5)
5.00
(127.0)
9.21 (234.0)
9.84 (250.0)
7.75 (197.0)
0.60
(15.0)
1.00
(25.5)
1.41
(0.36)
7.75 (197.0)
1.41
(36.0)
3.54
(90.0)
J1
J2
9
1
1
4
Terminal Block, M4 Screw 9 pins 0.37 (9.5) centre
AIRFLOW
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
4 x M4 x 0.7 THD
0.15 (3.8) Max Screw Penetration
J1 Pin Connections
Pin
Function
1
+Vout
2
+Vout
3
+Vout
4
-Vout
5
-Vout
6
-Vout
7
Ground
8
Neutral
9
Line
J2 Pin Connections
Pin
Function
1
Remote On/Off -
2
Remote On/Off +
3
Sense -
4
Sense +
Available from Farnell & element14. See pages 284-290.
^ Available from Newark. See pages 291-296


Similar Part No. - LCL500PS27

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LCL500PS27 XPPOWER-LCL500PS27 Datasheet
449Kb / 4P
   150-500 Watts LCL Series
LCL500PS27 XPPOWER-LCL500PS27 Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com