Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18537NQ5A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18537NQ5A
Description  60-V N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18537NQ5A Datasheet(HTML) 1 Page - Texas Instruments

  CSD18537NQ5A Datasheet HTML 1Page - Texas Instruments CSD18537NQ5A Datasheet HTML 2Page - Texas Instruments CSD18537NQ5A Datasheet HTML 3Page - Texas Instruments CSD18537NQ5A Datasheet HTML 4Page - Texas Instruments CSD18537NQ5A Datasheet HTML 5Page - Texas Instruments CSD18537NQ5A Datasheet HTML 6Page - Texas Instruments CSD18537NQ5A Datasheet HTML 7Page - Texas Instruments CSD18537NQ5A Datasheet HTML 8Page - Texas Instruments CSD18537NQ5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
0
4
8
12
16
20
24
28
32
36
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 12A
TC = 125ºC Id = 12A
G001
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
Qg - Gate Charge (nC)
ID = 12A
VDS = 30V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
CSD18537NQ5A
www.ti.com
SLPS391 – JUNE 2013
60-V N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD18537NQ5A
1
FEATURES
PRODUCT SUMMARY
2
Ultra Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain to Source Voltage
60
V
Avalanche Rated
Qg
Gate Charge Total (10V)
14
nC
Qgd
Gate Charge Gate to Drain
2.3
nC
Pb Free Terminal Plating
VGS = 6V
13
m
RoHS Compliant
RDS(on)
Drain to Source On Resistance
VGS = 10V
10
m
Halogen Free
VGS(th)
Threshold Voltage
3.0
V
SON 5-mm × 6-mm Plastic Package
ORDERING INFORMATION
APPLICATIONS
Device
Package
Media
Qty
Ship
High Side Synchronous Buck Converter
SON 5-mm × 6-mm
13-Inch
Tape and
CSD18537NQ5A
2500
Plastic Package
Reel
Reel
Motor Control
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
TA = 25°C
VALUE
UNIT
The NexFET™ power MOSFET has been designed
VDS
Drain to Source Voltage
60
V
to minimize losses in power conversion applications.
VGS
Gate to Source Voltage
±20
V
Top View
Continuous Drain Current (Package limited),
50
TC = 25°C
ID
Continuous Drain Current (Silicon limited),
A
62
TC = 25°C
Continuous Drain Current, TA = 25°C
(1)
11
IDM
Pulsed Drain Current, TA = 25°C
(2)
72
A
PD
Power Dissipation(1)
3.2
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
55
mJ
ID = 33A, L = 0.1mH, RG = 25Ω
(1) Typical RθJA = 40°C/W on a 1-inch
2, 2-oz. Cu pad on a 0.06-
inch thick FR4 PCB.
(2) Pulse duration
≤300μs, duty cycle ≤2%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD18537NQ5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18537NQ5A TI1-CSD18537NQ5A Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5AT TI1-CSD18537NQ5AT Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18537NQ5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NKCS TI-CSD18537NKCS Datasheet
483Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532KCS TI-CSD18532KCS Datasheet
928Kb / 10P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com