Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP350PS15 Datasheet(PDF) 1 Page - XP Power Limited

Part # SHP350PS15
Description  350-1200 Watts SHP Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP350PS15 Datasheet(HTML) 1 Page - XP Power Limited

  SHP350PS15 Datasheet HTML 1Page - XP Power Limited SHP350PS15 Datasheet HTML 2Page - XP Power Limited SHP350PS15 Datasheet HTML 3Page - XP Power Limited SHP350PS15 Datasheet HTML 4Page - XP Power Limited SHP350PS15 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specification
350 1200 Watts
Rugged Industrial Construction
Variable Fan Speed for Noise Reduction
40 °C to +70 °C Operation
AC OK, Remote On/Off and Active Current Share
5 V Standby
Screw Terminals
3 Year Warranty
SHP Series
Input
Input Voltage
• 650 W: 80-264 VAC, derate output power
10% <90 VAC, and 20% <85 VAC
350 & 1000 W: 85-264 VAC, derate output
power 10% <90 VAC
Input Frequency
• 47-63 Hz
Input Current
• 350 W: 3.8 A typical at 115 VAC,
2.1 A typical at 230 VAC,
650 W: 6.5 A typical at 115 VAC,
3.2 A typical at 230 VAC,
1000 W: 10.9 A typical at 115 VAC,
5.1 A typical at 230 VAC
Inrush Current
• 650 W: 40 A max at 264 VAC
350 & 1000 W: 60 A max at 264 VAC
Power Factor
• >0.9
Earth Leakage Current
• 0.5 mA max 264 VAC/60 Hz(1)
Input Protection
• 350W: T10 A/250 V, 650W: T16 A/250 V,
1000W: T20 A/250 V internal fuse in line and
neutral, 350W: single internal fuse in line.
Output
Output Voltage
• 12-48 VDC (see tables)
Output Voltage Trim
• ±10% V1
Initial Set Accuracy
• 650 W: ±1% V1, ±5% V3,
350 & 1000 W: ±1% V1, ±5% V2
Minimum Load
• No minimum load required
Start Up Delay
• 500 ms max
Start Up Rise Time
• 50 ms typical
Hold Up Time
• 20 ms minimum
Drift
• ±0.2% after 20 min warm up
Line Regulation
• ±0.5%
Load Regulation
• 650 W: ±1% V1, ±5% V3,
350 & 1000 W: ±1% V1, ±5% V2
Transient Response
• 4% max. deviation, recovery to
within 1% in 500 µs for a 50-75-50%
load change
Ripple & Noise
• 1% pk-pk typical V1, 20 MHz bandwidth
Overvoltage Protection
• 115-145% Vnom, recycle input to reset
Overload Protection
• 110-140%, V1 only
Overtemperature
• Auto reset
Protection
Short Circuit Protection
• Constant current characteristic (1)
Temp. Coefficient
• 0.05% / °C
Remote Sense
• Compensates for 0.5 V total voltage drop
Remote On/Off
• Uncommitted isolated optocoupler diode,
powered diode inhibits V1 and fan supply(1)
Current Share
• Single wire current share (1)
(1)
See longform datasheet for more information
xppower.com
General
Efficiency
• 85% typical
Isolation
• 3000 VAC input to output, 1500 VAC input
to ground, 500 VDC output to ground
Switching Frequency
• PFC 70 kHz, main converter 200 kHz,
standby 130 kHz typical
Power Density
• 350 W: 6.6 W/in3, 650 W: 8.2 W/in3,
1000 W: 8.9 W/in3
Signals
• AC OK, remote on/off, current share (1)
MTBF
• 216-275 KHrs to MIL-HDBK-217F at 25 °C,
GB(1)
Environmental
Operating Temperature
• -20 °C to +70 °C, derate linearly from
+50 °C at 2.5% / °C to 50% at +70 °C,
-40 °C start up (1)
Cooling
• 650 W: Forced cooled, ‘-TF’ & ‘-EF’ models
have integral dual voltage level fan, which is
load dependant, U Channel requires 5.5 m/s
minimum airflow, 350 & 1000 W: Forced cooled
via integral multi voltage level fan which is load
dependant (1)
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes EN60068-2-27, -2-47
Vibration
• 2 g rms, 5-500 kHz, 3 axes EN60068-2-6
EMC & Safety
Emissions
• EN55022 class B conducted
EN55022 class A radiated
Harmonic Currents
• EN61000-3-2 class A,
650 W: class C for loads ≥20%
350 & 1000 W: class C for loads ≥10%
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 contact, level 3 air,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms,
Perf Criteria A, B, B
Safety Approvals
• IEC60950-1 CB report, CSA 22.2
No. 60950-1, UL60950-1, TUV,
EN60950-1, SEMI F47


Similar Part No. - SHP350PS15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP350PS15 XPPOWER-SHP350PS15 Datasheet
360Kb / 5P
   3501200 Watts
SHP350PS15 XPPOWER-SHP350PS15 Datasheet
3Mb / 26P
   420 W High Line Output Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com