Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGTFA1D631C4N Datasheet(PDF) 9 Page - Altera Corporation

Part # 5AGTFA1D631C4N
Description  Arria V Device Handbook
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGTFA1D631C4N Datasheet(HTML) 9 Page - Altera Corporation

Back Button 5AGTFA1D631C4N Datasheet HTML 5Page - Altera Corporation 5AGTFA1D631C4N Datasheet HTML 6Page - Altera Corporation 5AGTFA1D631C4N Datasheet HTML 7Page - Altera Corporation 5AGTFA1D631C4N Datasheet HTML 8Page - Altera Corporation 5AGTFA1D631C4N Datasheet HTML 9Page - Altera Corporation 5AGTFA1D631C4N Datasheet HTML 10Page - Altera Corporation 5AGTFA1D631C4N Datasheet HTML 11Page - Altera Corporation 5AGTFA1D631C4N Datasheet HTML 12Page - Altera Corporation 5AGTFA1D631C4N Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Chapter 1: Overview for the Arria V Device Family
1–3
Arria V Feature Summary
February 2012
Altera Corporation
Arria V Device Handbook
Volume 1: Device Overview and Datasheet
HPS (Arria V SX and ST
devices only)
Dual-core ARM Cortex-A9 MPCore processor. Up to 800 MHz maximum frequency that
supports symmetric and asymmetric multiprocessing
Interface peripherals—10/100/1000 Ethernet media access control (MAC), USB 2.0 On-
The-Go (OTG) controller, Quad SPI flash controller, NAND flash controller, and
SD/MMC/SDIO controller, UART, serial peripheral interface (SPI), I2C interfaces, and up to
86 GPIO interfaces
System peripherals—general-purpose and watchdog timers, direct memory access (DMA)
controller, FPGA configuration manager, and clock and reset managers
On-chip RAM and boot ROM
HPS–FPGA bridges—include the FPGA-to-HPS, HPS-to-FPGA, and lightweight HPS-to-
FPGA bridges that allow the FPGA fabric to master transactions to slaves in the HPS, and
vice versa
FPGA-to-HPS SDRAM controller subsystem—provides a configurable interface to the
multiport front end of the HPS SDRAM controller
ARM CoreSight™ JTAG debug, trace port, and on-chip trace storage
Three fractional PLLs
Physical medium
attachment (PMA) with
soft PCS
10GBASE-R
9.8304-Gbps CPRI
High-performance core
fabric
Enhanced ALM with four registers
Improved routing architecture to reduce congestion and improve compilation time
Variable-precision DSP
blocks
Natively supports three-signal processing precision ranging from 9 x 9, 18 x 19, or 27 x 27
in the same DSP block
64-bit accumulator and cascade for systolic finite impulse responses (FIRs)
Embedded internal coefficient memory
Pre-adder/subtractor improves efficiency
Internal memory blocks
M10K, 10 Kbit with soft error correction code (ECC)
Memory logic array block (MLAB), 640-bit distributed LUTRAM—you can use up to 25% of
the LEs as MLAB memory
Hardened double data rate3 (DDR3) and DDR2 memory controllers
High-resolution Fractional
PLLs
Integer mode and fractional mode
Precision clock synthesis, clock delay compensation, and zero delay buffering (ZDB)
Clock networks
625-MHz global clock network
Global, quadrant, and peripheral clock networks
Unused clock networks can be powered down to reduce dynamic power
Table 1–1. Feature Summary for Arria V Devices (Part 2 of 3)
Feature
Details


Similar Part No. - 5AGTFA1D631C4N

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5AG VCC-5AG Datasheet
40Kb / 1P
   Neon Circuit Component Lamps
5AG-A VCC-5AG-A Datasheet
40Kb / 1P
   Neon Circuit Component Lamps
logo
Altera Corporation
5AGXFA1D427C3ES ALTERA-5AGXFA1D427C3ES Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D427C4N ALTERA-5AGXFA1D427C4N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D427I3ES ALTERA-5AGXFA1D427I3ES Datasheet
793Kb / 37P
   Arria V Device Overview
More results

Similar Description - 5AGTFA1D631C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5SGXEB6R2F40C3N ALTERA-5SGXEB6R2F40C3N Datasheet
1Mb / 70P
   Stratix V Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
   Cyclone V Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com