Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGXFD3D431C4N Datasheet(PDF) 8 Page - Altera Corporation

Part # 5AGXFD3D431C4N
Description  Arria V Device Handbook
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXFD3D431C4N Datasheet(HTML) 8 Page - Altera Corporation

Back Button 5AGXFD3D431C4N Datasheet HTML 4Page - Altera Corporation 5AGXFD3D431C4N Datasheet HTML 5Page - Altera Corporation 5AGXFD3D431C4N Datasheet HTML 6Page - Altera Corporation 5AGXFD3D431C4N Datasheet HTML 7Page - Altera Corporation 5AGXFD3D431C4N Datasheet HTML 8Page - Altera Corporation 5AGXFD3D431C4N Datasheet HTML 9Page - Altera Corporation 5AGXFD3D431C4N Datasheet HTML 10Page - Altera Corporation 5AGXFD3D431C4N Datasheet HTML 11Page - Altera Corporation 5AGXFD3D431C4N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
1–2
Chapter 1: Overview for the Arria V Device Family
Arria V Feature Summary
Arria V Device Handbook
February 2012
Altera Corporation
Volume 1: Device Overview and Datasheet
Arria V devices provide interface support flexibility with up to 10-Gbps transceivers,
1.25-Gbps LVDS, 1.333-Gbps memory interfaces with low latency, and support for all
mainstream single-ended and differential I/O standards, including 3.3 V. Arria V
devices also offer the lowest system cost by requiring only three power supplies to
operate the devices and a thermal composite flip chip ball-grid array (BGA)
packaging option. Arria V devices also support innovative features, such as
configuration via protocol (CvP), partial reconfiguration, and design security.
Arria V devices provide the power, features, and cost you require to succeed with
your designs. With these innovations, Arria V devices deliver ideal performance and
capability for a wide range of applications.
Arria V Feature Summary
Table 1–1 lists the Arria V device features.
Table 1–1. Feature Summary for Arria V Devices (Part 1 of 3)
Feature
Details
Technology
28-nm TSMC low-power process technology
Lowest static power in its class (less than 800 mW for 500 K logic elements (LEs) at 85°C
junction under typical conditions)
1.1-V core nominal voltage
Lowest-power serial
transceivers of any
midrange FPGA
611-Mbps to 10.3125-Gbps integrated transceivers
Transmit pre-emphasis and receiver equalization
Dynamic reconfiguration of individual channels
FPGA General-purpose
I/Os (GPIOs)
1.25-Gbps LVDS
667-MHz/1.333-Gbps external memory interface
On-chip termination (OCT)
3.3-V support
Embedded transceiver
hard IP
Custom implementation up to 10.3125 Gbps
PCI Express® (PCIe®) Gen1 and Gen2
Gbps Ethernet (GbE) and XAUI physical coding sublayer (PCS)
Common Public Radio Interface (CPRI) PCS
Gigabit-capable passive optical network (GPON) PCS


Similar Part No. - 5AGXFD3D431C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXFA1D427C3ES ALTERA-5AGXFA1D427C3ES Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D427C4N ALTERA-5AGXFA1D427C4N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D427I3ES ALTERA-5AGXFA1D427I3ES Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D431C3ES ALTERA-5AGXFA1D431C3ES Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D431I4N ALTERA-5AGXFA1D431I4N Datasheet
793Kb / 37P
   Arria V Device Overview
More results

Similar Description - 5AGXFD3D431C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5SGXEB6R2F40C3N ALTERA-5SGXEB6R2F40C3N Datasheet
1Mb / 70P
   Stratix V Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
   Cyclone V Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com