Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59PR9876N Datasheet(PDF) 1 Page - International Rectifier

Part # 59PR9876N
Description  9A Highly Integrated SupIRBuck Single.Input Voltage
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9876N Datasheet(HTML) 1 Page - International Rectifier

  59PR9876N Datasheet HTML 1Page - International Rectifier 59PR9876N Datasheet HTML 2Page - International Rectifier 59PR9876N Datasheet HTML 3Page - International Rectifier 59PR9876N Datasheet HTML 4Page - International Rectifier 59PR9876N Datasheet HTML 5Page - International Rectifier 59PR9876N Datasheet HTML 6Page - International Rectifier 59PR9876N Datasheet HTML 7Page - International Rectifier 59PR9876N Datasheet HTML 8Page - International Rectifier 59PR9876N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
- 1 -
JANUARY 18, 2013 |DATA SHEET | 3.6
1
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
78
80
82
84
86
88
90
92
94
96
98
0.9
1.8
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9
Load Current (A)
1.2Vout
3.3Vout
12Vin,Internal bias,Frequency 600KHz
FEATURES 
 Single 5V to 21V application 
 Wide Input Voltage Range from 1.0V to 21V with 
external Vcc  
 Output Voltage Range: 0.5V to 0.86× Vin 
 Enhanced Line/Load Regulation with Feed‐Forward 
 Programmable Switching Frequency up to 1.5MHz 
 Internal Digital Soft‐Start/Soft‐Stop 
 Enable input with Voltage Monitoring Capability 
 Thermally Compensated Current Limit with robust 
hiccup mode over current protection 
 Smart internal LDO to improve light load and full 
load efficiency  
 External Synchronization with Smooth Clocking  
 Enhanced Pre‐Bias Start‐Up 
 Precision Reference Voltage (0.5V+/‐0.5%) with 
margining capability 
 Vp for Tracking Applications (Source/Sink Capability  
+/‐9A) 
 Integrated MOSFET drivers and Bootstrap Diode 
 Thermal Shut Down 
 Programmable Power Good Output with tracking 
capability 
 Monotonic Start‐Up 
 Operating temp: ‐40oC  < Tj < 125oC  
 Small Size: 4mm x 5mm PQFN 
 Lead‐free, Halogen‐free and RoHS Compliant 
BASIC APPLICATION 
 
Figure 1: IR3899 Basic Application Circuit 
DESCRIPTION 
The IR3899 SupIRBuck
TM  is an easy‐to‐use, fully integrated 
and  highly  efficient  DC/DC  regulator.  The  onboard  PWM 
controller  and  MOSFETs  make  IR3899  a  space‐efficient 
solution, providing accurate power delivery. 
IR3899 is a versatile regulator which offers programmable 
switching  frequency  and  the  fixed  internal  current  limit 
while operates in wide input and output voltage range. 
The switching frequency is programmable from 300kHz to 
1.5MHz for an optimum solution.  
It  also  features  important  protection  functions,  such  as 
Pre‐Bias  startup,  thermally  compensated  current  limit, 
over  voltage  protection  and  thermal  shutdown  to  give 
required  system  level  security  in  the  event  of  fault 
conditions. 
APPLICATIONS 
 Netcom Applications 
 Embedded Telecom Systems 
 Server Applications 
 Storage Applications 
 Distributed Point of Load Power Architectures 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Figure 2: IR3899 Efficiency 


Similar Part No. - 59PR9876N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
59PR9876N IRF-59PR9876N Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
59PR9876N IRF-59PR9876N Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
59PR9876N IRF-59PR9876N Datasheet
4Mb / 14P
   USER GUIDE FOR IR3894 EVALUATION BOARD
59PR9876N IRF-59PR9876N Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
59PR9876N IRF-59PR9876N Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - 59PR9876N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IP1827 IRF-IP1827 Datasheet
2Mb / 39P
   Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com