Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR36021MTRPbF Datasheet(PDF) 11 Page - International Rectifier

Part # IR36021MTRPbF
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021MTRPbF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR36021MTRPbF Datasheet HTML 7Page - International Rectifier IR36021MTRPbF Datasheet HTML 8Page - International Rectifier IR36021MTRPbF Datasheet HTML 9Page - International Rectifier IR36021MTRPbF Datasheet HTML 10Page - International Rectifier IR36021MTRPbF Datasheet HTML 11Page - International Rectifier IR36021MTRPbF Datasheet HTML 12Page - International Rectifier IR36021MTRPbF Datasheet HTML 13Page - International Rectifier IR36021MTRPbF Datasheet HTML 14Page - International Rectifier IR36021MTRPbF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
11
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
PWM Frequency Range
1 
 
  
200‐2000  
kHz 
PWM frequency step size
1    
  
0.83‐83  
kHz 
PWM resolution
1 
 
  
 
160 
ps 
NTC Temperature Sense 
TSEN1 
 
Output Current  
For TSEN = 0 to 1.2V 
96 
100 
104 
µA 
Accuracy
1  
at 100°C (ideal NTC) 
96   
104 
°C 
Digital Inputs – Low Vth 
Type 1 
EN, VR_HOT 
(during PoR) 
  
Input High Voltage  
  
0.7 
‐ 
‐ 
Input Low Voltage  
  
‐ 
‐ 
0.35 
Input Leakage Current  
Vpad = 0 to 2V ‐ 
‐ 
±5 
µA 
Digital inputs ‐ LVTTL 
SM_DIO, 
SM_CLK, 
ADDR_PROT 
   
Input voltage high 
  
  
2.1 
  
  
Input voltage low 
  
  
  
  
0.8 
Input leakage 
  
Vpad=0 to 3.6V   
  
±1 
µA 
Remote voltage sense inputs 
VSEN, VRTN, 
VSEN_L2, 
VRTN_L2 
 
VSENx Input current  
 
Vout = 0.5V to 1.5V  
‐250 to +250  
uA 
VRTNx Input current  
 
 
‐500  
uA 
Differential Input voltage 
range
1 
 
VRTN= ±100mV 
 
0  to 2.6  
VRTN Input CM voltage
1   
  
 
 ‐100 to 100  
mV 
Remote current sense inputs 
ISEN/IRTNx 
 
Voltage range
1  
  
‐0.1 to 2.7  
Analog Address/Level Inputs 
ADDR_PROT 
16 levels 
  
Output Current
1  
Vpad = 0 to 1.2V 
96 
100 
104 
µA 
Open‐Drain outputs ‐ 4mA 
drive 
PGood1, 
PGood2, 
SM_DIO, 
SM_ALERT 
  
  
  
  
  
Output low voltage  
  
4mA   
  
0.3 
Output leakage 
  
Vpad=0 to 3.6V   
  
±5 
µA 
Open‐Drain outputs ‐ 20mA 
drive 
VRHOT_ICRIT# 
  
Output low voltage 
1 
  
I=20mA   
  
0.26 
On resistance
1 
  
I=20mA 
13  Ω 
Tri‐state leakage 
Ileak 
Vpad=0 to 3.6V  
 
±5 
µA 


Similar Part No. - IR36021MTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
More results

Similar Description - IR36021MTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Maxim Integrated Produc...
MAX15301 MAXIM-MAX15301 Datasheet
1Mb / 30P
   InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
19-6267; Rev 4; 11/13
MAX15301AA02 MAXIM-MAX15301AA02 Datasheet
1Mb / 32P
   InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
Rev 0; 2/15
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
   Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com