Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55B15 Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # BZX55B15
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BZX55B15 Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  BZX55B15 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BZX55B15 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BZX55B15 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BZX55B15 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BZX55B15 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.yeashin.com
3
REV.02 20121003
BZX55C/B Series
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
( )
Max
IZK
(mA)
ZZK @ IZK
( )
Max
IR @ VR
( A)
Max
VR
(Volts)
BZX55B 51
49.98
52.02
2.5
125
0.5
700
0.1
38
BZX55B 56
54.88
57.12
2.5
135
0.5
1000
0.1
42
BZX55B 62
60.76
63.24
2.5
150
0.5
1000
0.1
47
BZX55B 68
66.64
69.36
2.5
160
0.5
1000
0.1
51
BZX55B 75
73.50
76.50
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0 V Maximum @ IF = 100 mA for all types
Notes:
1. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have zener voltage as shown.
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage is measured under pulse conditions such that TJ is no more than 2
above TA.
4. ZENER IMPEDANCE (ZZ) DERIVATION
Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the
dc zener current (IZT) is superimposed to IZT .


Similar Part No. - BZX55B15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55B15 VISHAY-BZX55B15 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B15 NJSEMI-BZX55B15 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B15 VISHAY-BZX55B15 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B15 TSC-BZX55B15 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B15 EIC-BZX55B15 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - BZX55B15

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com