Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M160ZF64I5N Datasheet(PDF) 9 Page - Altera Corporation

Part # 5M160ZF64I5N
Description  MAX V Device Handbook
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M160ZF64I5N Datasheet(HTML) 9 Page - Altera Corporation

Back Button 5M160ZF64I5N Datasheet HTML 5Page - Altera Corporation 5M160ZF64I5N Datasheet HTML 6Page - Altera Corporation 5M160ZF64I5N Datasheet HTML 7Page - Altera Corporation 5M160ZF64I5N Datasheet HTML 8Page - Altera Corporation 5M160ZF64I5N Datasheet HTML 9Page - Altera Corporation 5M160ZF64I5N Datasheet HTML 10Page - Altera Corporation 5M160ZF64I5N Datasheet HTML 11Page - Altera Corporation 5M160ZF64I5N Datasheet HTML 12Page - Altera Corporation 5M160ZF64I5N Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 166 page
background image
MAX V Device Handbook
May 2011
MV51001-1.2
Subscribe
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX are Reg. U.S. Pat. & Tm. Off.
and/or trademarks of Altera Corporation in the U.S. and other countries. All other trademarks and service marks are the property of their respective holders as described at
www.altera.com/common/legal.html. Altera warrants performance of its semiconductor products to current specifications in accordance with Altera’s standard warranty, but
reserves the right to make changes to any products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device
specifications before relying on any published information and before placing orders for products or services.
1. MAX V Device Family Overview
The MAX® V family of low cost and low power CPLDs offer more density and I/Os
per footprint versus other CPLDs. Ranging in density from 40 to 2,210 logic elements
(LEs) (32 to 1,700 equivalent macrocells) and up to 271 I/Os, MAX V devices provide
programmable solutions for applications such as I/O expansion, bus and protocol
bridging, power monitoring and control, FPGA configuration, and analog IC
interface.
MAX V devices feature on-chip flash storage, internal oscillator, and memory
functionality. With up to 50% lower total power versus other CPLDs and requiring as
few as one power supply, MAX V CPLDs can help you meet your low power design
requirement.
This chapter contains the following sections:
“Feature Summary” on page 1–1
“Integrated Software Platform” on page 1–3
“Device Pin-Outs” on page 1–3
“Ordering Information” on page 1–4
Feature Summary
The following list summarizes the MAX V device family features:
Low-cost, low-power, and non-volatile CPLD architecture
Instant-on (0.5 ms or less) configuration time
Standby current as low as 25 µA and fast power-down/reset operation
Fast propagation delay and clock-to-output times
Internal oscillator
Emulated RSDS output support with a data rate of up to 200 Mbps
Emulated LVDS output support with a data rate of up to 304 Mbps
Four global clocks with two clocks available per logic array block (LAB)
User flash memory block up to 8 Kbits for non-volatile storage with up to 1000
read/write cycles
Single 1.8-V external supply for device core
MultiVolt I/O interface supporting 3.3-V, 2.5-V, 1.8-V, 1.5-V, and 1.2-V logic levels
Bus-friendly architecture including programmable slew rate, drive strength,
bus-hold, and programmable pull-up resistors
Schmitt triggers enabling noise tolerant inputs (programmable per pin)


Similar Part No. - 5M160ZF64I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M160Z ALTERA-5M160Z Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZE64C4N ALTERA-5M160ZE64C4N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZE64C5N ALTERA-5M160ZE64C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM6815N ALTERA-5M160ZM6815N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results

Similar Description - 5M160ZF64I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
5SGXEB6R2F40C3N ALTERA-5SGXEB6R2F40C3N Datasheet
1Mb / 70P
   Stratix V Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
   Cyclone V Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP4CE6F17I7N ALTERA-EP4CE6F17I7N Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com