Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59PR9876N Datasheet(PDF) 10 Page - International Rectifier

Part # 59PR9876N
Description  12A Highly Integrated SupIRBuck Single?륤nput Voltage
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9876N Datasheet(HTML) 10 Page - International Rectifier

Back Button 59PR9876N Datasheet HTML 6Page - International Rectifier 59PR9876N Datasheet HTML 7Page - International Rectifier 59PR9876N Datasheet HTML 8Page - International Rectifier 59PR9876N Datasheet HTML 9Page - International Rectifier 59PR9876N Datasheet HTML 10Page - International Rectifier 59PR9876N Datasheet HTML 11Page - International Rectifier 59PR9876N Datasheet HTML 12Page - International Rectifier 59PR9876N Datasheet HTML 13Page - International Rectifier 59PR9876N Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
- 10 -`
JANUARY 18, 2013 | DATA SHEET |    Rev 3.4
10
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
TYPICAL EFFICIENCY AND POWER LOSS CURVES 
 
PVin = 12V, Vcc = Internal LDO (4.4V/6.4V), Io = 0A‐12A, Fs = 600kHz, Room Temperature, No Air Flow. Note that the 
efficiency and power loss curves include the losses of IR3898, the inductor losses and the losses of the input and output 
capacitors. The table below shows the inductors used for each of the output voltages in the efficiency measurement. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Vout(V)
Lout(µH)
P/N
DCR(mΩ)
1
0.51
59PR9876N (Vitec)
0.29
1.2
0.51
59PR9876N (Vitec)
0.29
1.8
0.72
744325072(Wurth Elektronik)
1.3
3.3
1.2
744325120(Wurth Elektronik)
1.8
5
1.2
744325120(Wurth Elektronik)
1.8


Similar Part No. - 59PR9876N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
59PR9876N IRF-59PR9876N Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
59PR9876N IRF-59PR9876N Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
59PR9876N IRF-59PR9876N Datasheet
4Mb / 14P
   USER GUIDE FOR IR3894 EVALUATION BOARD
59PR9876N IRF-59PR9876N Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
59PR9876N IRF-59PR9876N Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - 59PR9876N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com