Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGTFD3G427C4N Datasheet(PDF) 7 Page - Altera Corporation

Part # 5AGTFD3G427C4N
Description  Arria V Device Handbook
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGTFD3G427C4N Datasheet(HTML) 7 Page - Altera Corporation

Back Button 5AGTFD3G427C4N Datasheet HTML 3Page - Altera Corporation 5AGTFD3G427C4N Datasheet HTML 4Page - Altera Corporation 5AGTFD3G427C4N Datasheet HTML 5Page - Altera Corporation 5AGTFD3G427C4N Datasheet HTML 6Page - Altera Corporation 5AGTFD3G427C4N Datasheet HTML 7Page - Altera Corporation 5AGTFD3G427C4N Datasheet HTML 8Page - Altera Corporation 5AGTFD3G427C4N Datasheet HTML 9Page - Altera Corporation 5AGTFD3G427C4N Datasheet HTML 10Page - Altera Corporation 5AGTFD3G427C4N Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
AV51001-1.3
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Arria V Device Handbook
Volume 1: Device Overview and Datasheet
February 2012
Subscribe
ISO
9001:2008
Registered
1. Overview for the Arria V Device Family
Built on the 28-nm low-power process technology, Arria® V devices offer the lowest
power and lowest system cost for mainstream applications. Arria V devices include
unique innovations such as the lowest static power in its class, the lowest power
transceivers of any midrange family, support for serial data rates up to
10.3125 gigabits per second (Gbps), a powerful collection of integrated hard
intellectual property (IP), and a power-optimized core architecture, making Arria V
devices ideal for the following applications:
Power sensitive wireless infrastructure equipment
20G/40G bridging, switching, and packet processing applications
High-definition video processing and image manipulation
Intensive digital signal processing (DSP) applications
Arria V devices are available in the following variants:
Arria V GX—FPGA with integrated 6-Gbps transceivers, this variant provides
bandwidth, cost, and power levels that are optimized for high-volume data and
signal-processing applications.
Arria V GT—FPGA with integrated 10-Gbps transceivers, this variant provides
enhanced high-speed serial I/O bandwidth for cost-sensitive data and signal
processing applications.
Arria V SX—system-on-a-chip (SoC) FPGA with integrated Arria V FPGA and
ARM®-based hard processor system (HPS).
Arria V ST—SoC FPGA with integrated Arria V FPGA, ARM-based HPS, and
10-Gbps transceivers.
The Arria V SoC FPGA variants feature an FPGA integrated with an HPS that consists
of a dual-core ARM Cortex™-A9 MPCore™ processor, a rich set of peripherals, and a
shared multiport SDRAM memory controller.
The unique feature set in Arria V devices was chosen to optimize power, cost, and
performance. These features include a redesigned adaptive logic module (ALM),
distributed memory, new 10-Kbit (M10K) internal memory blocks, variable-precision
DSP blocks, and fractional clock synthesis phase-locked loops (PLLs) with a highly
flexible clocking network, all interconnected by a power-optimized MultiTrack
routing architecture.
February 2012
AV51001-1.3


Similar Part No. - 5AGTFD3G427C4N

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5AG VCC-5AG Datasheet
40Kb / 1P
   Neon Circuit Component Lamps
5AG-A VCC-5AG-A Datasheet
40Kb / 1P
   Neon Circuit Component Lamps
logo
Altera Corporation
5AGXFA1D427C3ES ALTERA-5AGXFA1D427C3ES Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D427C4N ALTERA-5AGXFA1D427C4N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFA1D427I3ES ALTERA-5AGXFA1D427I3ES Datasheet
793Kb / 37P
   Arria V Device Overview
More results

Similar Description - 5AGTFD3G427C4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5SGXEB6R2F40C3N ALTERA-5SGXEB6R2F40C3N Datasheet
1Mb / 70P
   Stratix V Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
   Cyclone V Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com