Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M1270ZT64I5N Datasheet(PDF) 11 Page - Altera Corporation

Part # 5M1270ZT64I5N
Description  MAX V Device Handbook
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M1270ZT64I5N Datasheet(HTML) 11 Page - Altera Corporation

Back Button 5M1270ZT64I5N Datasheet HTML 7Page - Altera Corporation 5M1270ZT64I5N Datasheet HTML 8Page - Altera Corporation 5M1270ZT64I5N Datasheet HTML 9Page - Altera Corporation 5M1270ZT64I5N Datasheet HTML 10Page - Altera Corporation 5M1270ZT64I5N Datasheet HTML 11Page - Altera Corporation 5M1270ZT64I5N Datasheet HTML 12Page - Altera Corporation 5M1270ZT64I5N Datasheet HTML 13Page - Altera Corporation 5M1270ZT64I5N Datasheet HTML 14Page - Altera Corporation 5M1270ZT64I5N Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 166 page
background image
Chapter 1: MAX V Device Family Overview
1–3
Integrated Software Platform
May 2011
Altera Corporation
MAX V Device Handbook
the necessary power pins for migration. For I/O pin migration across densities, cross
reference the available I/O pins using the device pin-outs for all planned densities of
a given package type to identify which I/O pins can be migrated. The Quartus® II
software can automatically cross-reference and place all pins for you when given a
device migration list.
Integrated Software Platform
The Quartus II software provides an integrated environment for HDL and schematic
design entry, compilation and logic synthesis, full simulation and advanced timing
analysis, and programming of MAX V devices.
f For more information about the Quartus II software features, refer to the Quartus II
Handbook.
You can debug your MAX V designs using In-System Sources and Probes Editor in
the Quartus II software. This feature allows you to easily control any internal signal
and provides you with a completely dynamic debugging environment.
f For more information about the In-System Sources and Probes Editor, refer to the
Design Debugging Using In-System Sources and Probes chapter of the Quartus II
Handbook.
Device Pin-Outs
f For more information, refer to the MAX V Device Pin-Out Files page.
Table 1–2. MAX V Packages and User I/O Pins (Note 1)
Device
64-Pin
MBGA
64-Pin
EQFP
68-Pin
MBGA
100-Pin
TQFP
100-Pin
MBGA
144-Pin
TQFP
256-Pin
FBGA
324-Pin
FBGA
5M40Z
30
54
5M80Z
30
54
52
79
5M160Z
54
52
79
79
5M240Z
52
79
79
114
5M570Z
74
74
114
159
5M1270Z
114
211
271
5M2210Z
203
271
Note to Table 1–2:
(1) Device packages under the same arrow sign have vertical migration capability.
Table 1–3. MAX V Package Sizes
Package
64-Pin
MBGA
64-Pin
EQFP
68-Pin
MBGA
100-Pin
TQFP
100-Pin
MBGA
144-Pin
TQFP
256-Pin
FBGA
324-Pin
FBGA
Pitch (mm)
0.5
0.4
0.5
0.5
0.5
0.5
1
1
Area (mm2)
20.25
81
25
256
36
484
289
361
Length × width
(mm × mm)
4.5 × 4.5
9 × 9
5 × 5
16 × 16
6 × 6
22 × 22
17 × 17
19 × 19


Similar Part No. - 5M1270ZT64I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M1270ZT144A5N ALTERA-5M1270ZT144A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results

Similar Description - 5M1270ZT64I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
5SGXEB6R2F40C3N ALTERA-5SGXEB6R2F40C3N Datasheet
1Mb / 70P
   Stratix V Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
   Cyclone V Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP4CE6F17I7N ALTERA-EP4CE6F17I7N Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com