Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3895MTR1PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR3895MTR1PBF
Description  16A Highly Integrated SupIRBuck
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3895MTR1PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3895MTR1PBF Datasheet HTML 7Page - International Rectifier IR3895MTR1PBF Datasheet HTML 8Page - International Rectifier IR3895MTR1PBF Datasheet HTML 9Page - International Rectifier IR3895MTR1PBF Datasheet HTML 10Page - International Rectifier IR3895MTR1PBF Datasheet HTML 11Page - International Rectifier IR3895MTR1PBF Datasheet HTML 12Page - International Rectifier IR3895MTR1PBF Datasheet HTML 13Page - International Rectifier IR3895MTR1PBF Datasheet HTML 14Page - International Rectifier IR3895MTR1PBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
- 11 -P
JANUARY 18, 2013    | DATA SHEET|    Rev 3.4
11
IR3895 
16A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97746
TYPICAL EFFICIENCY AND POWER LOSS CURVES 
 
PVin = 12V, Vcc = External 5V, Io = 0A‐16A, Fs = 600kHz, Room Temperature, No Air Flow. Note that the efficiency and 
power loss curves include the losses of IR3895, the inductor losses and the losses of the input and output capacitors. 
The table below shows the inductors used for each of the output voltages in the efficiency measurement. 
Vout(V) 
Lout(µH) 
P/N 
DCR(mΩ) 
1.0 
0.4 
59PR9875N (Vitec) 
0.29 
1.2 
0.4 
59PR9875N (Vitec) 
0.29 
1.8 
0.47 
7443330047(Wurth Elektronik) 
0.8 
3.3 
0.88  MPC1040LR88C(NEC/Tokin) 
2.3 
1.0 
7443330100(Wurth Elektronik) 
1.35 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - IR3895MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3895MTR1PBF IRF-IR3895MTR1PBF Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
More results

Similar Description - IR3895MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com