Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3894MTRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3894MTRPBF
Description  12A Highly Integrated SupIRBuck Single?륤nput Voltage
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894MTRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3894MTRPBF Datasheet HTML 5Page - International Rectifier IR3894MTRPBF Datasheet HTML 6Page - International Rectifier IR3894MTRPBF Datasheet HTML 7Page - International Rectifier IR3894MTRPBF Datasheet HTML 8Page - International Rectifier IR3894MTRPBF Datasheet HTML 9Page - International Rectifier IR3894MTRPBF Datasheet HTML 10Page - International Rectifier IR3894MTRPBF Datasheet HTML 11Page - International Rectifier IR3894MTRPBF Datasheet HTML 12Page - International Rectifier IR3894MTRPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
- 9 -`
JANUARY 18, 2013 | DATA SHEET |    Rev 3.4
9
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
OVP Comparator Delay 
OVP_Tdly  
3.5 
µs 
Over‐Current Protection 
Current Limit 
ILIMIT 
Tj = 25°C, Vcc = 6.4V 
13.8 
15.6 
18.5 
Hiccup Blanking Time 
Tblk_Hiccup   
  
20.48  
ms 
Over‐Temperature Protection 
Thermal Shutdown Threshold 
Ttsd 
Note 4 
 
145 
  
°C 
Hysteresis 
Ttsd_hys 
Note 4   
20  
 
Note 3: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production. 
Note 4: Guaranteed by design but not tested in production. 


Similar Part No. - IR3894MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894MTRPBF IRF-IR3894MTRPBF Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
More results

Similar Description - IR3894MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com