Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD02H0SK Datasheet(PDF) 1 Page - International Rectifier

Part # SD02H0SK
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD02H0SK Datasheet(HTML) 1 Page - International Rectifier

  SD02H0SK Datasheet HTML 1Page - International Rectifier SD02H0SK Datasheet HTML 2Page - International Rectifier SD02H0SK Datasheet HTML 3Page - International Rectifier SD02H0SK Datasheet HTML 4Page - International Rectifier SD02H0SK Datasheet HTML 5Page - International Rectifier SD02H0SK Datasheet HTML 6Page - International Rectifier SD02H0SK Datasheet HTML 7Page - International Rectifier SD02H0SK Datasheet HTML 8Page - International Rectifier SD02H0SK Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
IR3876MPBF
Features
 Input Voltage Range: 3V to 21V
 Output Voltage Range: 0.5V to 12V
 Continuous 12A Load Capability
 Constant On-Time control
 Excellent Efficiency at very low output current levels
 Compensation Loop not Required
 Programmable switching frequency, soft start, and
over current protection
 Power Good Output
 Precision Voltage Reference (0.5V, +/-1%)
 Pre-bias Start Up
 Under/Over Voltage Fault Protection
 Ultra small, low profile 5mm x 6mm QFN Package
Applications
 Notebook and desktop computers
 Game consoles
 Consumer electronics
– STB, LCD, TV, printers
 General purpose POL DC-DC converters
Description
The IR3876 SupIRBuckTM is an easy-to-use,
fully integrated and highly efficient DC/DC
voltage regulator. The onboard constant on time
hysteretic
controller
and
MOSFETs
make
IR3876 a space-efficient solution that delivers up
to 12A of precisely controlled output voltage in
60
oC ambient temperature applications without
airflow.
Programmable switching frequency, soft start,
and over current protection allows for a very
flexible solution suitable for many different
applications and an ideal choice for battery
powered applications.
Additional features include pre-bias startup, very
precise 0.5V reference, over/under voltage shut
down, power good output, and enable input with
voltage monitoring capability.
12A HIGHLY INTEGRATED
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
IR3876
BOOT
PHASE
VCC
FF
SS
EN
GND
ISET
PGND
VIN
RFF
C0
CBOOT
CSS
(4.5V-7.5 V)
VIN
3VCBP
PGOOD
FB
R2
R1
RISET
VOUT
(3V-21V)
(0.5V-12V)
L
V5
CLDO
PD-97763


Similar Part No. - SD02H0SK

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SD02H0SK ITT-SD02H0SK Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
International Rectifier
SD02H0SK IRF-SD02H0SK Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
SD02H0SK IRF-SD02H0SK Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
SD02H0SK IRF-SD02H0SK Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
SD02H0SK IRF-SD02H0SK Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results

Similar Description - SD02H0SK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com