Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW06032K55FKEA Datasheet(PDF) 10 Page - International Rectifier

Part # CRCW06032K55FKEA
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CRCW06032K55FKEA Datasheet(HTML) 10 Page - International Rectifier

Back Button CRCW06032K55FKEA Datasheet HTML 6Page - International Rectifier CRCW06032K55FKEA Datasheet HTML 7Page - International Rectifier CRCW06032K55FKEA Datasheet HTML 8Page - International Rectifier CRCW06032K55FKEA Datasheet HTML 9Page - International Rectifier CRCW06032K55FKEA Datasheet HTML 10Page - International Rectifier CRCW06032K55FKEA Datasheet HTML 11Page - International Rectifier CRCW06032K55FKEA Datasheet HTML 12Page - International Rectifier CRCW06032K55FKEA Datasheet HTML 13Page - International Rectifier CRCW06032K55FKEA Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
IR3876MPBF
Figure 14: Load Transient 0-8A
Figure 15: Load Transient 4-12A
Figure 16: Thermal Image at I
OUT = 12A
(IR3876: 81oC, Inductor: 58oC, PCB: 54oC)
VOUT
PHASE
i
L
VOUT
PHASE
i
L
50mV/div 10V/div 5A/div
20µs/div
50mV/div 10V/div 5A/div
20µs/div
TYPICAL OPERATING DATA
Tested with demoboard shown in Figure 7, VIN = 12.6V, VCC = 5V, Vout = 1.05V, Fs = 300kHz, TA = 25oC, no airflow,
unless otherwise specified


Similar Part No. - CRCW06032K55FKEA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CRCW06032K55FKEA IRF-CRCW06032K55FKEA Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - CRCW06032K55FKEA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com