Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73H1JLTD2551F Datasheet(PDF) 1 Page - International Rectifier

Part # RK73H1JLTD2551F
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RK73H1JLTD2551F Datasheet(HTML) 1 Page - International Rectifier

  RK73H1JLTD2551F Datasheet HTML 1Page - International Rectifier RK73H1JLTD2551F Datasheet HTML 2Page - International Rectifier RK73H1JLTD2551F Datasheet HTML 3Page - International Rectifier RK73H1JLTD2551F Datasheet HTML 4Page - International Rectifier RK73H1JLTD2551F Datasheet HTML 5Page - International Rectifier RK73H1JLTD2551F Datasheet HTML 6Page - International Rectifier RK73H1JLTD2551F Datasheet HTML 7Page - International Rectifier RK73H1JLTD2551F Datasheet HTML 8Page - International Rectifier RK73H1JLTD2551F Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
IR3865MPBF
1
8/8/2012 Rev3.1
PD-97606
10A HIGHLY INTEGRATED
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
Applications
Notebook and Desktop Computers
Game Consoles
Consumer Electronics
– STB, LCD, TV, Printers
General Purpose POL DC-DC Converters
Description
The IR3865 SupIRBuckTM is an easy-to-use, fully
integrated and highly efficient DC/DC voltage
regulator.
The
onboard
constant
on-time
hysteretic controller and MOSFETs make IR3865
a space-efficient solution that delivers up to 10A
of precisely controlled output voltage.
Programmable switching frequency, soft start,
and
thermally
compensated
over
current
protection allows for a very flexible solution
suitable for many different applications and an
ideal choice for battery powered applications.
Additional features include pre-bias startup, very
precise 0.5V reference, over/under voltage shut
down, power good output, and enable input with
voltage monitoring capability.
Features
Input Voltage Range: 3V to 21V
Output Voltage Range: 0.5V to 12V
Continuous 10A Load Capability
Constant On-Time Control
Compensation Loop not Required
Excellent Efficiency at Very Low Output Currents
Programmable Switching Frequency and Soft
Start
Thermally Compensated Over Current
Protection
Power Good Output
Precision Voltage Reference (0.5V, +/-1%)
Enable Input with Voltage Monitoring Capability
Pre-bias Start Up
Thermal Shut Down
Under/Over Voltage Fault Protection
Forced Continuous Conduction Mode Option
Very Small, Low Profile 4mm x 5mm QFN
Package


Similar Part No. - RK73H1JLTD2551F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RK73H1JLTD2551F IRF-RK73H1JLTD2551F Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - RK73H1JLTD2551F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com