Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR358FVJ-TR Datasheet(PDF) 8 Page - Rohm

Part # LMR358FVJ-TR
Description  Ground sense Low Power General Purpose Operational amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR358FVJ-TR Datasheet(HTML) 8 Page - Rohm

Back Button LMR358FVJ-TR Datasheet HTML 4Page - Rohm LMR358FVJ-TR Datasheet HTML 5Page - Rohm LMR358FVJ-TR Datasheet HTML 6Page - Rohm LMR358FVJ-TR Datasheet HTML 7Page - Rohm LMR358FVJ-TR Datasheet HTML 8Page - Rohm LMR358FVJ-TR Datasheet HTML 9Page - Rohm LMR358FVJ-TR Datasheet HTML 10Page - Rohm LMR358FVJ-TR Datasheet HTML 11Page - Rohm LMR358FVJ-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
8/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
Description of electrical characteristics
Described here are the terms of electric characteristics used in this datasheet. Items and symbols used are also shown.
Note that item name and symbol and their meaning may differ from those on another manufacture’s document or general
document.
1. Absolute maximum ratings
Absolute maximum rating item indicates the condition which must not be exceeded. Application of voltage in excess of absolute
maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
1.1 Power supply voltage (VDD/VSS)
Indicates the maximum voltage that can be applied between the positive power supply terminal and negative power
supply terminal without deterioration or destruction of characteristics of internal circuit.
1.2 Differential input voltage (Vid)
Indicates the maximum voltage that can be applied between non-inverting terminal and inverting terminal without
deterioration and destruction of characteristics of IC.
1.3 Input common-mode voltage range (Vicm)
Indicates the maximum voltage that can be applied to non-inverting terminal and inverting terminal without
deterioration or destruction of characteristics. Input common-mode voltage range of the maximum ratings not assures
normal operation of IC. When normal Operation of IC is desired, the input common-mode voltage of characteristics
item must be followed.
1.4 Power dissipation (Pd)
Indicates the power that can be consumed by specified mounted board at the ambient temperature 25℃(normal temperature).
As for package product, Pd is determined by the temperature that can be permitted by IC chip in the package
(maximum junction temperature) and thermal resistance of the package.
2.Electrical characteristics item
2.1 Input offset voltage (Vio)
Indicates the voltage difference between non-inverting terminal and inverting terminal. It can be translated into the
input voltage difference required for setting the output voltage at 0 V.
2.2 Input offset voltage drift (△Vio/△T)
Denotes the ratio of the input offset voltage fluctuation to the ambient temperature fluctuation.
2.3 Input offset current (Iio)
Indicates the difference of input bias current between non-inverting terminal and inverting terminal.
2.4 Input bias current (Ib)
Indicates the current that flows into or out of the input terminal. It is defined by the average of input bias current at
non-inverting terminal and input bias current at inverting terminal.
2.5 Circuit current (IDD)
Indicates the IC current that flows under specified conditions and no-load steady status.
2.6 Maximum Output Voltage(High) / Maximum Output Voltage(Low) (VOH/VOL)
Indicates the voltage range that can be output by the IC under specified load condition. It is typically divided into
maximum output voltage High and low. Maximum output voltage high indicates the upper limit of output voltage.
Maximum output voltage low indicates the lower limit.
2.7 Large signal voltage gain (Av)
Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting terminal
and inverting terminal. It is normally the amplifying rate (gain) with reference to DC voltage.
Av = (Output voltage fluctuation) / (Input offset fluctuation)
2.8 Input common-mode voltage range (Vicm)
Indicates the input voltage range where IC operates normally.
2.9 Common-mode rejection ratio (CMRR)
Indicates the ratio of fluctuation of input offset voltage when in-phase input voltage is changed. It is normally the
fluctuation of DC.
CMRR = (Change of Input common-mode voltage)/(Input offset fluctuation)
2.10 Power supply rejection ratio (PSRR)
Indicates the ratio of fluctuation of input offset voltage when supply voltage is changed. It is normally the fluctuation of
DC. PSRR= (Change of power supply voltage)/(Input offset fluctuation)
2.11 Output source current/ output sink current (Isource/Isink)
The maximum current that can be output under specific output conditions, it is divided into output source current and
output sink current. The output source current indicates the current flowing out of the IC, and the output sink current
the current flowing into the IC.
2.12 Channel separation (CS)
Indicates the fluctuation of output voltage with reference to the change of output voltage of driven channel.
2.13 Slew Rate (SR)
SR is a parameter that shows movement speed of operational amplifier. It indicates rate of variable output voltage
as unit time.
2.14 Unity gain frequency (fT)
Indicates a frequency where the voltage gain of Op-Amp is 1.


Similar Part No. - LMR358FVJ-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR358FVJ ROHM-LMR358FVJ Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Similar Description - LMR358FVJ-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com