Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X7R1H104K Datasheet(PDF) 7 Page - International Rectifier

Part # C1608X7R1H104K
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C1608X7R1H104K Datasheet(HTML) 7 Page - International Rectifier

Back Button C1608X7R1H104K Datasheet HTML 3Page - International Rectifier C1608X7R1H104K Datasheet HTML 4Page - International Rectifier C1608X7R1H104K Datasheet HTML 5Page - International Rectifier C1608X7R1H104K Datasheet HTML 6Page - International Rectifier C1608X7R1H104K Datasheet HTML 7Page - International Rectifier C1608X7R1H104K Datasheet HTML 8Page - International Rectifier C1608X7R1H104K Datasheet HTML 9Page - International Rectifier C1608X7R1H104K Datasheet HTML 10Page - International Rectifier C1608X7R1H104K Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
IR3871MPBF
TYPICAL OPERATING DATA
Tested with demoboard shown in Figure 7, VIN = 12V, VCC = 5V, Vout = 1.05V, Fs = 300kHz, TA = 25oC, no airflow,
unless otherwise specified
Figure 3. Switching Frequency vs. Output
Current
Figure 1. Efficiency vs. Output Current for
V
OUT = 1.05V
Figure 2. Efficiency vs. Output Current for
VIN = 12V
Figure 4. Frequency vs. R
FF
Figure 5. Output Voltage Regulation vs.
Output Current
Figure 6. Output Voltage Regulation vs.
Input Voltage at I
OUT = 8A
35%
45%
55%
65%
75%
85%
95%
0.01
0.1
1
10
Output Current (A)
EFF @ 19VIN
EFF @ 12VIN
EFF @ 8VIN
1.048
1.049
1.050
1.051
1.052
0
1
2
3
4
5
6
7
8
Output Current (A)
VOUT @ 19VIN
VOUT @ 12VIN
VOUT @ 8VIN
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
8
Output Current (A)
1.048
1.049
1.050
1.051
1.052
6
8
10
12
14
16
18
20
Input Voltage (V)
0
200
400
600
800
1000
1200
200
400
600
800
1000
Frequency (kHz)
5.0 Vout
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
10
Output Current (A)
EFF @ 3.3VOUT, L = 3.3µH
EFF @ 1.5VOUT, L = 2.2µH
EFF @ 1.05VOUT, L = 1.5µH


Similar Part No. - C1608X7R1H104K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
logo
Texas Instruments
C1608X7R1H104K TI1-C1608X7R1H104K Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
logo
TDK Electronics
C1608X7R1H104K TDK-C1608X7R1H104K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
International Rectifier
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - C1608X7R1H104K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3871M IRF-IR3871M_15 Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3802MTRPBF IRF-IR3802MTRPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com